Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2345PW Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2345PW
Description  CompactPCI짰 HOT SWAP POWER MANAGER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2345PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2345PW Datasheet HTML 2Page - Texas Instruments TPS2345PW Datasheet HTML 3Page - Texas Instruments TPS2345PW Datasheet HTML 4Page - Texas Instruments TPS2345PW Datasheet HTML 5Page - Texas Instruments TPS2345PW Datasheet HTML 6Page - Texas Instruments TPS2345PW Datasheet HTML 7Page - Texas Instruments TPS2345PW Datasheet HTML 8Page - Texas Instruments TPS2345PW Datasheet HTML 9Page - Texas Instruments TPS2345PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TPS2345
SLUS503B – MARCH 2002 – REVISED AUGUST 2002
6
www.ti.com
pin descriptions
AGND: Analog ground reference for the device.
BD_SEL#: Logic low enable input for back-end power. In the CompactPCIR application, this pin ties to the
short–pin BD_SEL# input to the plug-in slot. When the input supplies are above the device minimums, and this
pin is asserted low the TPS2345 begins the sequential ramp–up of the back-end supplies. Pulling this input high
(>2 V) turns off power to the back-end planes, and puts the TPS2345 into low-power sleep mode.
CPGND: Charge pump ground pin for the device.
CPUMP: Charge pump resevoir capacitor connection. An external capacitor of value 0.1
µF to 1 µF must be
connected between this pin and CPGND. The capacitor provides charge storage for the internal charge pump
for gate drive of the four external N-channel FETs.
CS1, CS2, CS3: These pins tie to the load side of the Channel 1, 2, and 3 current sense resistors, respectively.
They are used in conjunction with the VIN1, VIN2 and VIN3 inputs to provide load current magnitude information
to each of the positive rail LCAs.
CS4: This pin ties to the more positive side of the Channel 4 current sense resistor (common with the pass FET
source). It is used in conjunction with the VIN4 input to provide Channel 4 current magnitude information to the
negative rail LCA.
GATE1, GATE2, GATE3, GATE4: Gate drive outputs for the Channel 1 through Channel 4 pass FETs,
respectively. The gates are driven according to the supply voltage, enable, sequence programming and load
current conditions of the add-in board.
HEALTHY#: Open-drain output asserted low to signal a back-end power good condition. In the CompactPCIR
application, this signal is an indication of the board’s suitablility to be connected to the CompactPCIR bus. The
output is false when back-end power is not enabled, if any of the back-end voltage is not within the
factory-programmed tolerances of the undervoltage and overvoltage comparators, or as a result of an
overcurrent indication on any supply controller, or a fault time-out on any supply during linear ramp-up.
IRAMP: Current ramp programming pin. A capacitor connected between this pin and ground determines the
maximum slew rate of the load current during ramp-up and ramp-down of the three positive back-end voltages.
This same capacitor is also used to establish the time limit for ramping each of the supply outputs.
PRECHG: Bias supply of 1 V for bus signal precharge. During plug-in insertion events, this output provides bias
supply to precharge the bus signal lines according to the requirements of the CompactPCIR Hot Swap
specification.
RGND: Reference ground input for the device.
VIN1: Channel 1 supply (12-V) input voltage sense. This pin is connected to the 12-V power supply input to
the add-in card. The supply potential is tested against the undervoltage limits prior to ramping voltage to the
back-end 12-V plane. The input supply also serves as the reference potential for the internally generated current
limit (IMAX) reference of the Channel 1 LCA. This pin also serves as the VCC supply for the TPS2345.
VIN2: Channel 2 supply (5-V) input voltage sense. This pin is connected to the 5-V power supply input to the
add-in card. The supply potential is tested against the undervoltage limits prior to ramping voltage to the
back-end 5-V plane. The input supply also serves as the reference potential for the internally generated current
limit (IMAX) reference of the Channel 2 LCA. This pin also serves as the supply input for the precharge bias
output.
VIN3: Channel 3 supply (3.3-V) input voltage sense. This pin is connected to the 3.3-V power supply input to
the add-in card. The supply potential is tested against the undervoltage limits prior to ramping voltage to the
back-end 3.3-V plane. The input supply also serves as the reference potential for the internally generated
current limit (IMAX) reference of the Channel 3 LCA.


Similar Part No. - TPS2345PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
TPS2340APFP TI-TPS2340APFP Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
TPS2340APFPG4 TI-TPS2340APFPG4 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
TPS2340APFPR TI-TPS2340APFPR Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
TPS2340APFPRG4 TI-TPS2340APFPRG4 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
More results

Similar Description - TPS2345PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com