Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2206ADB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2206ADB
Description  PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2206ADB Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2206ADB Datasheet HTML 3Page - Texas Instruments TPS2206ADB Datasheet HTML 4Page - Texas Instruments TPS2206ADB Datasheet HTML 5Page - Texas Instruments TPS2206ADB Datasheet HTML 6Page - Texas Instruments TPS2206ADB Datasheet HTML 7Page - Texas Instruments TPS2206ADB Datasheet HTML 8Page - Texas Instruments TPS2206ADB Datasheet HTML 9Page - Texas Instruments TPS2206ADB Datasheet HTML 10Page - Texas Instruments TPS2206ADB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TPS2204A
TPS2206A
TPS2210A
SLVS449A − DECEMBER 2002 − REVISED MAY 2003
www.ti.com
7
TERMINAL FUNCTIONS
TERMINAL
NUMBER
I/O
DESCRIPTION
NAME
TPS2204A
TPS2206A
TPS2210A
I/O
DESCRIPTION
NAME
PWP
DB
DAP
PWP
3.3V
13, 14
15, 16, 17
16, 17, 18
13
I
3.3-V input for card power and chip power
5V
1, 2, 24
1, 2, 30
1, 2, 32
1, 2
I
5-V VCC input for card power
12V
7, 20
7, 24
8, 25
7, 20
I
12-V VPP input for card power (xVPP). The two 12-V pins must be
externally connected.
AVCC
9, 10
9, 10, 11
10, 11, 12
9, 10
O
Switched output that delivers 0 V, 3.3 V, 5 V, or high impedance to card.
AVPP
8
8
9
8
O
Switched output that delivers 0 V, 3.3 V, 5 V, 12 V, or high impedance
to card.
BVCC
17, 18
20, 21, 22
21, 22, 23
−−
O
Switched output that delivers 0 V, 3.3 V, 5 V, or high impedance.
BVPP
19
23
24
−−
O
Switched output that delivers 0 V, 3.3 V, 5 V, 12 V, or high impedance.
CLOCK
4
4
5
4
I
Logic-level clock for serial data word
DATA
3
3
4
3
I
Logic-level serial data word
GND
11
12
13
11
Ground
LATCH
5
5
6
5
I
Logic-level latch for serial data word, internal pulldown
NC
6, 16, 22,
23
13, 19,
26−29
3, 7, 15,
19, 27 −31
6, 14,
16 − 19,
22−24
No internal connection
OC
15
18
20
15
O
Open-drain overcurrent reporting output that goes low when an
overcurrent condition exists.
An external pullup is required.
SHDN
21
25
26
21
I
Hi-Z (open) all switches. Identical function to serial D8. Asynchronous
active-low command, internal pullup
RESET
12
14
14
12
I
Logic-level RESET input active low. Do not connect if terminal 6 is
used.
TYPICAL PC CARD POWER−DISTRIBUTION APPLICATION
TPS2206A
3
12 V
5 V
3.3 V
Power Supply
Supervisor
PCMCIA
Controller
12 V
5 V
3.3 V
RESET
SHDN
Serial
Interface
OC
AVPP
AVCC
AVCC
AVCC
BVPP
BVCC
BVCC
BVCC
VPP1
VPP2
VCC
VCC
VPP1
VPP2
VCC
VCC
PC
Card A
PC
Card b


Similar Part No. - TPS2206ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2206ADB TI1-TPS2206ADB Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206ADBR TI1-TPS2206ADBR Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com