Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2556 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2556
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2556 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2556 Datasheet HTML 1Page - Texas Instruments TPS2556 Datasheet HTML 2Page - Texas Instruments TPS2556 Datasheet HTML 3Page - Texas Instruments TPS2556 Datasheet HTML 4Page - Texas Instruments TPS2556 Datasheet HTML 5Page - Texas Instruments TPS2556 Datasheet HTML 6Page - Texas Instruments TPS2556 Datasheet HTML 7Page - Texas Instruments TPS2556 Datasheet HTML 8Page - Texas Instruments TPS2556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS2556
TPS2557
SLVS931A
– NOVEMBER 2009 – REVISED FEBRUARY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS AND ORDERING INFORMATION
AMBIENT
SON (3)
MARKING
RECOMMENDED MAXIMUM
DEVICE(1)
ENABLE
TEMPERATURE (2)
(DRB)
CONTINUOUS LOAD CURRENT
TPS2556
Active low
TPS2556DRB
2556
–40°C to 85°C
5.0 A
TPS2557
Active high
TPS2557DRB
2557
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Maximum ambient temperature is a function of device junction temperature and system level considerations, such as power dissipation
and board layout. See dissipation rating table and recommended operating conditions for specific information related to these devices.
(3)
Add an R suffix to the device type for tape and reel.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1) (2)
VALUE
UNIT
Voltage range on IN, OUT, EN or EN, ILIM, FAULT
–0.3 to 7
V
Voltage range from IN to OUT
–7 to 7
V
I
Continuous output current
Internally Limited
See the Dissipation Rating
Continuous total power dissipation
Table
Continuous FAULT sink current
25
mA
ILIM source current
Internally Limited
mA
HBM
2
kV
ESD
CDM
500
V
ESD
– system level (contact/air)(3)
8/15
kV
TJ
Maximum junction temperature
–40 to OTSD2(4)
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltages are referenced to GND unless otherwise noted.
(3)
Surges per EN61000-4-2, 1999 applied between USB and output ground of the TPS2556EVM (HPA423) evaluation module
(documentation available on the Web.) These were the test levels, not the failure threshold.
(4)
Ambient over temperature shutdown threshold
DISSIPATION RATING TABLE
THERMAL
THERMAL
TA ≤ 25°C
RESISTANCE(1
RESISTANCE
POWER RATING
BOARD
PACKAGE
)
θJC
θJA
High-K(2)
DRB
41.6
°C/W
10.7
°C/W
2403 mW
(1)
Mounting per the PowerPADTM Thermally Enhanced Package application report (SLMA002).
(2)
The JEDEC high-K (2s2p) board used to derive this data was a 3in
× 3in, multilayer board with 1-ounce internal power and ground
planes and 2-ounce copper traces on top and bottom of the board.
2
Submit Documentation Feedback
Copyright
© 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS2556 TPS2557


Similar Part No. - TPS2556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2556 TI1-TPS2556 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2556-Q1 TI1-TPS2556-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2556QDRB TI1-TPS2556QDRB Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2556QDRBRQ1 TI1-TPS2556QDRBRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2556QDRBTQ1 TI1-TPS2556QDRBTQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
More results

Similar Description - TPS2556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2552 TI1-TPS2552_17 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com