Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2557 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2557
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2557 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2557 Datasheet HTML 1Page - Texas Instruments TPS2557 Datasheet HTML 2Page - Texas Instruments TPS2557 Datasheet HTML 3Page - Texas Instruments TPS2557 Datasheet HTML 4Page - Texas Instruments TPS2557 Datasheet HTML 5Page - Texas Instruments TPS2557 Datasheet HTML 6Page - Texas Instruments TPS2557 Datasheet HTML 7Page - Texas Instruments TPS2557 Datasheet HTML 8Page - Texas Instruments TPS2557 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Charge
Pump
Driver
UVLO
Current
Limit
Thermal
Sense
8-ms Deglitch
IN
GND
EN
ILIM
OUT
FAULT
CS
Current
Sense
R
L
C
L
OUT
TEST CIRCUIT
t
r
t
f
10%
90%
10%
90%
V
OUT
t
on
t
off
10%
90%
50%
50%
V
EN
V
OUT
V
EN
V
OUT
t
on
t
off
50%
50%
10%
90%
VOLTAGE WAVEFORMS
TPS2556
TPS2557
www.ti.com
SLVS931A
– NOVEMBER 2009 – REVISED FEBRUARY 2012
DEVICE INFORMATION
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TPS2556
TPS2557
EN
4
I
Enable input, logic low turns on power switch
EN
4
I
Enable input, logic high turns on power switch
GND
1
1
Ground connection; connect externally to PowerPAD
IN
2, 3
2, 3
I
Input voltage; connect a 0.1
μF or greater ceramic capacitor from
IN to GND as close to the IC as possible.
FAULT
8
8
O
Active-low open-drain output, asserted during overcurrent or
overtemperature conditions.
OUT
6, 7
6, 7
O
Power-switch output
ILIM
5
5
O
External resistor used to set current-limit threshold; recommended
20 k
Ω ≤ RILIM ≤ 187 kΩ.
Internally connected to GND; used to heat-sink the part to the
PowerPAD
circuit board traces. Connect PowerPAD to GND pin externally.
FUNCTIONAL BLOCK DIAGRAM
PARAMETER MEASUREMENT INFORMATION
Figure 2. Test Circuit and Voltage Waveforms
Copyright
© 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2556 TPS2557


Similar Part No. - TPS2557

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2557 TI1-TPS2557 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2557-Q1 TI1-TPS2557-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2557QDRB TI1-TPS2557QDRB Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2557QDRBRQ1 TI1-TPS2557QDRBRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2557QDRBTQ1 TI1-TPS2557QDRBTQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
More results

Similar Description - TPS2557

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2552 TI1-TPS2552_17 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com