Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3103E12DBVTG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3103E12DBVTG4
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3103E12DBVTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3103E12DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS3103E12DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS3103E12DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS3103E12DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS3103E12DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS3103E12DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS3103E12DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS3103E12DBVTG4 Datasheet HTML 10Page - Texas Instruments TPS3103E12DBVTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
PIN DESCRIPTIONS
(TOPVIEW)
RSTVDD
GND
MR
V
DD
SENSE
TPS3106
DBVPACKAGE
RSTSENSE
3
2
4
6
1
5
(TOPVIEW)
RESET
GND
MR
V
DD
PFI
TPS3103
DBVPACKAGE
PFO
3
2
4
6
1
5
(TOPVIEW)
RESET
GND
MR
V
DD
SENSE
TPS3110
DBVPACKAGE
WDI
3
2
4
6
1
5
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363E – AUGUST 2001 – REVISED SEPTEMBER 2007
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
DEVICE
NO.
GND
ALL
2
GND
Manual-reset input. Pull low to force a reset. RESET remains low as long as MR is low and for
MR
ALL
3
the timeout period after MR goes high. Leave unconnected or connect to VDD when unused.
PFI
TPS3103
4
Power-fail input compares to 0.551 V with no additional delay. Connect to VDD if not used.
PFO
TPS3103
5
Power-fail output. Goes high when voltage at PFI rises above 0.551 V.
TPS3103,
RESET
1
Active-low reset output. Either push-pull or open-drain output stage.
TPS3110
Active-low reset output. Logic level at RSTSENSE only depends on the voltage at SENSE and
RSTSENSE
TPS3106
5
the status of MR.
Active-low reset output. Logic level at RSTVDD only depends on the voltage at VDD and the
RSTVDD
TPS3106
1
status of MR.
TPS3106,
A reset will be asserted if the voltage at SENSE is lower than 0.551 V. Connect to VDD if
SENSE
4
TPS3110
unused.
VDD
ALL
6
Supply voltage. Powers the device and monitors its own voltage.
Watchdog timer input. If WDI remains high or low longer than the time-out period, then reset is
WDI
TPS3110
5
triggered. The timer clears when reset is asserted or when WDI sees a rising edge or a falling
edge.
Copyright © 2001–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS3103E12DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103E12DBVTG4 TI-TPS3103E12DBVTG4 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12DBVTG4 TI-TPS3103E12DBVTG4 Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E12DBVTG4 TI-TPS3103E12DBVTG4 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E12DBVTG4 TI1-TPS3103E12DBVTG4 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
More results

Similar Description - TPS3103E12DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com