Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3619-33-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3619-33-EP
Description  BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3619-33-EP Datasheet(HTML) 3 Page - Texas Instruments

  TPS3619-33-EP Datasheet HTML 1Page - Texas Instruments TPS3619-33-EP Datasheet HTML 2Page - Texas Instruments TPS3619-33-EP Datasheet HTML 3Page - Texas Instruments TPS3619-33-EP Datasheet HTML 4Page - Texas Instruments TPS3619-33-EP Datasheet HTML 5Page - Texas Instruments TPS3619-33-EP Datasheet HTML 6Page - Texas Instruments TPS3619-33-EP Datasheet HTML 7Page - Texas Instruments TPS3619-33-EP Datasheet HTML 8Page - Texas Instruments TPS3619-33-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TPS3619-33-EP, TPS3619-50-EP
TPS3620-33-EP, TPS3620-50-EP
www.ti.com
SGLS350C – JULY 2006 – REVISED SEPTEMBER 2010
Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
(1)
UNIT
VDD
(2)
7 V
Supply voltage
MR and PFI pins(2)
–0.3 V to (VDD + 0.3 V)
VOUT
400 mA
Continuous output current, IO
All other pins(2)
±10 mA
Continuous total power dissipation
See Dissipation Ratings Table
Operating free-air temperature range, TA
–55°C to 125°C
Storage temperature range, Tstg
–65°C to 150°C
Lead temperature soldering 1,6 mm (1/16 in) from case for 10 s
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation, the device must not be continuously operated at 7 V for more than
t = 1000 h.
Dissipation Ratings
TA < 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
DGK
470 mW
3.76 mW/°C
301 mW
241 mW
93.98 mW
Recommended Operating Conditions
at specified temperature range
MIN
MAX
UNIT
VDD
Supply voltage
1.65
5.5
V
VBAT
Battery supply voltage
1.5
5.5
V
VI
Input voltage
0
VDD + 0.3
V
VIH
High-level input voltage
0.7 × VDD
V
VIL
Low-level input voltage
0.3 × VDD
V
IO
Continuous output current at VOUT
300
mA
Input transition rise and fall rate at MR
100
ns/V
Δt/ΔV
Slew rate at VDD or VBAT
1
V/ms
TA
Operating free-air temperature
–55
125
°C
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS3619-33-EP TPS3619-50-EP TPS3620-33-EP TPS3620-50-EP


Similar Part No. - TPS3619-33-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
More results

Similar Description - TPS3619-33-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com