Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5120MDBTREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5120MDBTREP
Description  DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5120MDBTREP Datasheet(HTML) 5 Page - Texas Instruments

  TPS5120MDBTREP Datasheet HTML 1Page - Texas Instruments TPS5120MDBTREP Datasheet HTML 2Page - Texas Instruments TPS5120MDBTREP Datasheet HTML 3Page - Texas Instruments TPS5120MDBTREP Datasheet HTML 4Page - Texas Instruments TPS5120MDBTREP Datasheet HTML 5Page - Texas Instruments TPS5120MDBTREP Datasheet HTML 6Page - Texas Instruments TPS5120MDBTREP Datasheet HTML 7Page - Texas Instruments TPS5120MDBTREP Datasheet HTML 8Page - Texas Instruments TPS5120MDBTREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPS5120EP
DUAL OUTPUT, TWOPHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
SGLS224A − JANUARY 2004 − REVISED APRIL 2006
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
switching-mode power supply (SMPS) 1, 2
TPS5120 includes dual SMPS controllers that operate 180
° out of phase and at the same frequency. Both
channels have standby and softstart.
5-V regulator
An internal linear voltage regulator is used for the high-side driver bootstrap voltage and source of VREF
(0.85 V). When the 5-V regulator is disconnected from the MOSFET drivers, it is only used for the source of
VREF. Since the input voltage range is from 4.5 V to 28 V, this feature offers a fixed voltage for the bootstrap
voltage so that the drive design is much easier. It is also used for powering the low-side driver. The tolerance
is 4%. The 5-V regulator is disabled when STBY1, STBY2, and 5V_STBY are all set low.
5-V switch
If the internal 5-V switch senses the 5-V input from the REG5V_IN pin, the internal 5-V linear regulator is
disconnected from the MOSFET drivers. The external 5 V is then used for both the low-side driver and the
high-side bootstrap, thus, increasing the efficiency.
error amplifier
Each channel has its own error amplifier to regulate the output voltage of the synchronous buck converter. It
is used in the PWM mode for the high output current condition (> 0.2 A). The unity gain bandwidth is 2.5 MHz.
This decreases the amplifier delay during fast load transients and contributes to a fast transient response.
skip comparator
In skip mode, each channel has its own hysteretic comparator to regulate the output voltage of the synchronous
buck converter. The hysteresis is set internally and is typically set at 9 mV. The delay from the comparator input
to the driver output is typically 1.2
µs.
low-side driver
The low-side driver is designed to drive low rds(on) N-channel MOSFETs. The maximum drive voltage is 5 V from
VREF5. The current rating of the driver is typically 1.5 A at source and sink.
high-side driver
The high-side driver is designed to drive low rds(on) N-channel MOSFETs. The current rating of the driver is 1.2 A
at source and sink. When configured as a floating driver, the bias voltage to the driver is developed from VREF5,
limiting the maximum drive voltage between OUTx_u and LLx to 5 V. The maximum voltage that can be applied
between LHx and OUTGND is 33 V.
deadtime
Deadtime prevents shoot through current from flowing through the main power FETs during switching transitions
by actively controlling the turnon time of the MOSFETs drivers.
current protection
Overcurrent protection is achieved by comparing the drain-to-source voltage of the high-side and low-side
MOSFET devices to a set-point voltage. This voltage is set using an external resistor between VCC and the
TRIP1 or TRIP2 terminals. If the drain-to-source voltage up exceeds the set-point voltage during high-side
conduction, the current limit circuit terminates the high-side driver pulse. If the set-point voltage is exceeded
during low-side conduction, the low-side pulse is extended through the next cycle. Together this action has the
effect of decreasing the output voltage until the undervoltage protection circuit is activated and the fault latch
is set and both the high and low-side MOSFET drivers are shut off.


Similar Part No. - TPS5120MDBTREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS51200 TI-TPS51200 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
TPS51200 TI1-TPS51200 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
More results

Similar Description - TPS5120MDBTREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com