Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5130-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5130-Q1
Description  TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5130-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS5130-Q1 Datasheet HTML 1Page - Texas Instruments TPS5130-Q1 Datasheet HTML 2Page - Texas Instruments TPS5130-Q1 Datasheet HTML 3Page - Texas Instruments TPS5130-Q1 Datasheet HTML 4Page - Texas Instruments TPS5130-Q1 Datasheet HTML 5Page - Texas Instruments TPS5130-Q1 Datasheet HTML 6Page - Texas Instruments TPS5130-Q1 Datasheet HTML 7Page - Texas Instruments TPS5130-Q1 Datasheet HTML 8Page - Texas Instruments TPS5130-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
ABSOLUTE MAXIMUM RATINGS
(1) (2)
PACKAGE DISSIPATION RATINGS
TPS5130-Q1
SLVS866 – MARCH 2009................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 125°C
LQFP – PT
Reel of 1000
TPS5130QPTRQ1
5130Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
over junction temperature range (unless otherwise noted)
VCC
Supply voltage range
VIN
–0.3 V to 30 V
LH1, LH2, LH3
–0.3 V to 35 V
VIN_SENSE12, VIN_SENSE3, LL1, LL2, LL3, STBY_LDO,
–0.3 V to 30 V
STBY_VREF3.3, STBY_VREF5, TRIP1, TRIP2, TRIP3
VI
Input voltage range
INV1, INV2, INV3, CT, SS_STBY1, SS_STBY2, SS_STBY3,
INV_LDO, LDO_OUT, FLT, PG_DELAY, VREF3.3, VREF5,
–0.3 V to 7 V
LDO_IN, LDO_CUR, PWM_SEL, REG5V_IN
OUT1_u, OUT2_u, OUT3_u
–0.3 V to 35 V
FB1, FB2, FB3, PGOUT, OUT1_d, OUT2_d, OUT3_d
–0.3 V to 7 V
VO
Output voltage range
LDO_GATE
–0.3 V to 9 V
REF
–0.3 V to 3 V
TJ
Junction temperature range
–40°C to 125°C
Tstg
Storage temperature range
–55°C to 150°C
Human-Body Model (HBM)
2000 V
ESD
Electrostatic discharge rating
Machine Model (MM)
200 V
Charged-Device Model (CDM)
500 V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal.
DERATING
LOW K/
POWER RATING
POWER RATING
POWER RATING
PACKAGE
FACTOR ABOVE
θ
JC
HIGH K
TA ≤ 25°C
TA = 70°C
TA = 85°C
TA = 25°C
High
14.60 mW/°C
1459.85 mW
802.92 mW
583.94 mW
48-pin PT
Low
9.28 mW/°C
927.64 mW
510.20 mW
371.06 mW
11.8°C/W
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS5130-Q1


Similar Part No. - TPS5130-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
More results

Similar Description - TPS5130-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Texas Instruments
TPS5130PTR TI1-TPS5130PTR Datasheet
532Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
   Single Synchronous Buck with LDO Controller
logo
Microsemi Corporation
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
International Rectifier
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com