Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5405 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5405
Description  6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5405 Datasheet(HTML) 2 Page - Texas Instruments

  TPS5405 Datasheet HTML 1Page - Texas Instruments TPS5405 Datasheet HTML 2Page - Texas Instruments TPS5405 Datasheet HTML 3Page - Texas Instruments TPS5405 Datasheet HTML 4Page - Texas Instruments TPS5405 Datasheet HTML 5Page - Texas Instruments TPS5405 Datasheet HTML 6Page - Texas Instruments TPS5405 Datasheet HTML 7Page - Texas Instruments TPS5405 Datasheet HTML 8Page - Texas Instruments TPS5405 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Boot
UVLO
Boot
Charge
R
Q
S
Shutdown
Logic
Thermal
Shutdown
Gate
Drive
Logic
Frequency
Shift
Oscillator
Slope
Compensation
Minimum Clamp
Voltage
Reference
Maximum
Clamp
Σ
VSENSE
Shutdown
165°C
PWM
Comparator
gm
0.8V
9A/V
Current
Sense
PWM
Latch
2.1V
GND
LX
BOOT
VIN
VSENSE
ROSC
COMP
Discharge
Logic
SS
Shutdown
2µA
TPS5405
SS
ROSC
BOOT
VIN
COMP
LX
3
4
1
2
Cin
Cboot
GND
VSENSE
6
5
8
7
Vout
Cout
Lo
Cc
Rc
Rosc
D
Vin
Css
TPS5405
SLVSBF7A – MAY 2012 – REVISED JUNE 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
TYPICAL APPLICATION
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS5405


Similar Part No. - TPS5405

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5405 TI-TPS5405_15 Datasheet
887Kb / 19P
[Old version datasheet]   6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
More results

Similar Description - TPS5405

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5405 TI-TPS5405_15 Datasheet
887Kb / 19P
[Old version datasheet]   6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5403 TI-TPS5403 Datasheet
942Kb / 18P
[Old version datasheet]   4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5402 TI-TPS5402 Datasheet
942Kb / 18P
[Old version datasheet]   3.5-V TO 28-V INPUT VOLTAGE, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS65266 TI1-TPS65266_16 Datasheet
2Mb / 41P
[Old version datasheet]   2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com