Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5410-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5410-Q1
Description  1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5410-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS5410-Q1 Datasheet HTML 1Page - Texas Instruments TPS5410-Q1 Datasheet HTML 2Page - Texas Instruments TPS5410-Q1 Datasheet HTML 3Page - Texas Instruments TPS5410-Q1 Datasheet HTML 4Page - Texas Instruments TPS5410-Q1 Datasheet HTML 5Page - Texas Instruments TPS5410-Q1 Datasheet HTML 6Page - Texas Instruments TPS5410-Q1 Datasheet HTML 7Page - Texas Instruments TPS5410-Q1 Datasheet HTML 8Page - Texas Instruments TPS5410-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
1
2
3
4
8
7
6
5
BOOT
NC
NC
VSENSE
PH
VIN
GND
ENA
TPS5410-Q1
SLVSA23 – SEPTEMBER 2009......................................................................................................................................................................................... www.ti.com
PIN ASSIGNMENTS
D PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
BOOT
1
Boost capacitor for the high-side FET gate driver. Connect 0.01
μF low ESR capacitor from BOOT pin to PH pin.
NC
2, 3
Not connected internally
VSENSE
4
Feedback voltage for the regulator. Connect to output voltage divider.
ENA
5
On/off control. Below 0.5 V, the device stops switching. Float the pin to enable.
GND
6
Ground.
Input supply voltage. Bypass VIN pin to GND pin close to device package with a high quality, low ESR ceramic
VIN
7
capacitor.
PH
8
Source of the high side power MOSFET. Connected to external inductor and diode.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS5410-Q1


Similar Part No. - TPS5410-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5410-Q1 TI1-TPS5410-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410-Q1 TI-TPS5410-Q1_15 Datasheet
858Kb / 26P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results

Similar Description - TPS5410-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410-Q1 TI-TPS5410-Q1_15 Datasheet
858Kb / 26P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI1-TPS5420-Q1 Datasheet
565Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com