Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5420-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5420-Q1
Description  2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5420-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5420-Q1 Datasheet HTML 1Page - Texas Instruments TPS5420-Q1 Datasheet HTML 2Page - Texas Instruments TPS5420-Q1 Datasheet HTML 3Page - Texas Instruments TPS5420-Q1 Datasheet HTML 4Page - Texas Instruments TPS5420-Q1 Datasheet HTML 5Page - Texas Instruments TPS5420-Q1 Datasheet HTML 6Page - Texas Instruments TPS5420-Q1 Datasheet HTML 7Page - Texas Instruments TPS5420-Q1 Datasheet HTML 8Page - Texas Instruments TPS5420-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
VIN
NC
NC
ENA
GND
VSENSE
BOOT
PH
TPS5420
VIN
VOUT
95
60
70
80
90
100
0
0.5
1
1.5
2.5
3
I
OutputCurrent
A
O
-
-
EfficiencyvsOutputCurrent
SimplifiedSchematic
2
50
55
65
75
85
V
I =12V
TPS5420-Q1
www.ti.com................................................................................................................................................... SLVS752B – NOVEMBER 2007 – REVISED JUNE 2008
2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT™ CONVERTER
• Industrial and Car Audio Power Supplies
2
• Qualified for Automotive Applications
• Battery Chargers, High-Power LED Supplies
• Wide Input Voltage Range: 5.5 V to 36 V
• 12-V/24-V Distributed Power Systems
• Up to 2-A Continuous (3-A Peak) Output
Current
• High Efficiency up to 95% Enabled by 110-mΩ
As a member of the SWIFT family of dc/dc regulators,
Integrated MOSFET Switch
the TPS5420 is a high-output-current PWM converter
• Wide Output Voltage Range: Adjustable Down
that integrates a low-resistance high-side N-channel
to 1.22 V With 1.5% Initial Accuracy
MOSFET. Included on the substrate with the listed
• Internal Compensation Minimizes External
features is a high-performance voltage error amplifier
Parts Count
that provides tight voltage regulation accuracy under
transient conditions, an undervoltage-lockout circuit to
• Fixed 500-kHz Switching Frequency for Small
prevent start-up until the input voltage reaches 5.5 V,
Filter Size
an internally set slow-start circuit to limit inrush
• Improved Line Regulation and Transient
currents,
and
a
voltage
feed-forward
circuit
to
Response by Input Voltage Feed Forward
improve the transient response. Using the ENA pin,
• System Protected by Over Current Limiting,
shutdown supply current is reduced to 18
µA
typically.
Other
features
include
an
active-high
Over Voltage Protection, and Thermal
enable, overcurrent limiting, overvoltage protection,
Shutdown
and thermal shutdown. To reduce design complexity
• –40°C to 125°C Operating Junction
and
external
component
count,
the
TPS5420
Temperature Range
feedback loop is internally compensated.
• Available in Small 8-Pin SOIC Package
The TPS5420 device is available in an easy-to-use
• For SWIFT™ Documentation, Application
8-pin SOIC package. TI provides evaluation modules
Notes and Design Software, See the TI Website
and the SWIFT Designer software tool to aid in
at www.ti.com/swift
quickly achieving high-performance power supply
designs to meet aggressive equipment development
cycles.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SWIFT is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS5420-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5420-Q1 TI-TPS5420-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
More results

Similar Description - TPS5420-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420-EP TI-TPS5420-EP_09 Datasheet
613Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI-TPS5420-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP_15 Datasheet
743Kb / 23P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com