Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3705-50DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3705-50DR
Description  PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3705-50DR Datasheet(HTML) 2 Page - Texas Instruments

  TPS3705-50DR Datasheet HTML 1Page - Texas Instruments TPS3705-50DR Datasheet HTML 2Page - Texas Instruments TPS3705-50DR Datasheet HTML 3Page - Texas Instruments TPS3705-50DR Datasheet HTML 4Page - Texas Instruments TPS3705-50DR Datasheet HTML 5Page - Texas Instruments TPS3705-50DR Datasheet HTML 6Page - Texas Instruments TPS3705-50DR Datasheet HTML 7Page - Texas Instruments TPS3705-50DR Datasheet HTML 8Page - Texas Instruments TPS3705-50DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TPS3705xx
TPS3707xx
PROCESSOR SUPERVISORY CIRCUITS WITH POWERFAIL
SLVS184C − NOVEMBER 1998 − REVISED DECEMBER 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description
The TPS3705, TPS3707 family of microprocessor supply-voltage supervisors provide circuit initialization and
timing supervision, primarily for DSP and processor-based systems.
During power-on, RESET is asserted when the supply voltage VDD becomes higher than 1.1 V. Thereafter, the
supply voltage supervisor monitors VDD and keeps RESET active as long as VDD remains below the threshold
voltage VIT+. An internal timer delays the return of the output to the inactive state (high) to ensure proper system
reset. The delay time, tdtyp= 200 ms, starts after VDD has risen above the threshold voltage VIT+. When the supply
voltage drops below the threshold voltage VIT– , the output becomes active (low) again. No external components
are required. All the devices of this family have a fixed-sense threshold voltage VIT– set by an internal voltage
divider.
The TPS3705-xx and TPS3707-xx devices incorporate a manual reset input, MR. A low level at MR causes
RESET to become active.
The TPS370x-xx families integrate a power-fail comparator which can be used for low-battery detection,
power-fail warning, or for monitoring a power supply other than the main supply.
The TPS3705-xx devices have a watchdog timer that is periodically triggered by a positive or negative transition
at WDI. When the supervising system fails to retrigger the watchdog circuit within the time-out interval,
tt(out) = 1.6 s, WDO becomes active. This event also reinitializes the watchdog timer. Leaving WDI unconnected
disables the watchdog.
The TPS3707-xx devices do not have the Watchdog function, but include a high-level output RESET.
The product spectrum is designed for supply voltages of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are available in
either 8-pin MSOP or standard SOIC packages. The TPS3705, TPS3707 devices are characterized for
operation over a temperature range of −40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
THRESHOLD
VOLTAGE
SMALL OUTLINE
(D)
POWER−PAD
µ-SMALL OUTLINE
(DGN)
MARKING DGN
PACKAGE
CHIP FORM
(Y)
2.63 V
TPS3705−30D
TPS3705−30DGN
TIAAT
TPS3705-30Y
2.93 V
TPS3705−33D
TPS3705−33DGN
TIAAU
TPS3705−33Y
4.55 V
TPS3705−50D
TPS3705−50DGN
TIAAV
TPS3705−50Y
−40
°C to 85°C
2.25 V
TPS3707−25D
TPS3707−25DGN
TIAAW
TPS3707−25Y
−40 C to 85 C
2.63 V
TPS3707−30D
TPS3707−30DGN
TIAAX
TPS3707−30Y
2.93 V
TPS3707−33D
TPS3707−33DGN
TIAAY
TPS3707−33Y
4.55 V
TPS3707−50D
TPS3707−50DGN
TIAAZ
TPS3707−50Y


Similar Part No. - TPS3705-50DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3705-50DR TI-TPS3705-50DR Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-50DR TI-TPS3705-50DR Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-50DR TI1-TPS3705-50DR Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705-50DRG4 TI-TPS3705-50DRG4 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-50DRG4 TI-TPS3705-50DRG4 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com