Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22980RGPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22980RGPR
Description  3.3V TO 18V MUX with Overcurrent Limit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22980RGPR Datasheet(HTML) 5 Page - Texas Instruments

  TPS22980RGPR Datasheet HTML 1Page - Texas Instruments TPS22980RGPR Datasheet HTML 2Page - Texas Instruments TPS22980RGPR Datasheet HTML 3Page - Texas Instruments TPS22980RGPR Datasheet HTML 4Page - Texas Instruments TPS22980RGPR Datasheet HTML 5Page - Texas Instruments TPS22980RGPR Datasheet HTML 6Page - Texas Instruments TPS22980RGPR Datasheet HTML 7Page - Texas Instruments TPS22980RGPR Datasheet HTML 8Page - Texas Instruments TPS22980RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Switch
CTRL
Logic
12
6
20
VTHV
VHV
V3P3
OUT
10
ISET_S0
5
18
EN
V3P3OUT
Thermal
shutdown
9
ISET_S3
11
HV_EN
8
ISET_V3P3
17
S0
7
OUT
3
4
2
1
14
13
19
EN
TPS22980
www.ti.com
SLVSB61B – DECEMBER 2011 – REVISED APRIL 2012
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted the specification applies over the VDD range and operating junction temp –40°C ≤ TJ ≤ 85°C. Typical
values are for V3P3 = 3.3V, VHV = 15V, and TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
RSET_S0, 3 = 402 kΩ
100
110
150
ILIMHV
VHV Switch current limit state S0 or S3
RSET_S0, 3 = 80.6 kΩ
495
525
555
mA
RSET_S0, 3 = 26.7 kΩ
1515
1575
1635
RSET_V3P3 = 402 kΩ
100
110
150
ILIM3P3
V3P3 Switch current limit
RSET_V3P3 = 80.6 kΩ
495
525
555
mA
RSET_V3P3 = 26.7 kΩ
1515
1575
1635
IREV3P3
V3P3 Switch Reverse Current Limit
10
27
45
mA
V3P3 Switch Reverse Current Response
TV3P3RC
VOUT = V3P3 → V3P3 + 20mV
100
µS
Time
TVHVSC
VHV Switch short circuit response time
COUT = 20 pF
8
µs
TV3P3SC
V3P3 Switch short circuit response time
COUT = 20 pF
8
µs
TRANSITION DELAYS
T3P3OFF
VHV to V3P3 off time
COUT = 1.1µF, EN = 1, HV_EN = 1→0
6
ms
T0-3.3V
0V to 3.3V ramp time
COUT ≤ 20 pF
6
ms
T3.3V-VHV
3.3V to VHV ramp time
COUT ≤ 20 pF
6
ms
TVHV-3.3V
VHV to 3.3V ramp time
COUT ≤ 20 pF
23
ms
TLIM
Overcurrent response time
COUT ≤ 20 pF
0.5
ms
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS22980


Similar Part No. - TPS22980RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22981 TI-TPS22981 Datasheet
432Kb / 19P
[Old version datasheet]   3.3V to 18V Thunderbolt Power Mux
TPS22981 TI1-TPS22981 Datasheet
1Mb / 27P
[Old version datasheet]   Thunderbolt Power Mux
TPS22981RGPR TI-TPS22981RGPR Datasheet
432Kb / 19P
[Old version datasheet]   3.3V to 18V Thunderbolt Power Mux
TPS22981RGPR TI1-TPS22981RGPR Datasheet
1Mb / 27P
[Old version datasheet]   Thunderbolt Power Mux
TPS22981RGPT TI1-TPS22981RGPT Datasheet
1Mb / 27P
[Old version datasheet]   Thunderbolt Power Mux
More results

Similar Description - TPS22980RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22981 TI-TPS22981 Datasheet
432Kb / 19P
[Old version datasheet]   3.3V to 18V Thunderbolt Power Mux
logo
International Rectifier
IRDM982 IRF-IRDM982_15 Datasheet
1Mb / 27P
   Dynamic overcurrent limit per temperature
logo
Micrel Semiconductor
SY87724L MICREL-SY87724L_08 Datasheet
507Kb / 14P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L_06 Datasheet
99Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L Datasheet
103Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LE MICREL-SY87724LE Datasheet
577Kb / 14P
   3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
logo
Littelfuse
LS1205EXD33 LITTELFUSE-LS1205EXD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
GD. 09/20/22
logo
Monolithic Power System...
MP5010B MPS-MP5010B Datasheet
520Kb / 15P
   3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
logo
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
logo
Monolithic Power System...
MP5010A MPS-MP5010A Datasheet
808Kb / 15P
   3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com