Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40200HD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40200HD
Description  WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40200HD Datasheet(HTML) 3 Page - Texas Instruments

  TPS40200HD Datasheet HTML 1Page - Texas Instruments TPS40200HD Datasheet HTML 2Page - Texas Instruments TPS40200HD Datasheet HTML 3Page - Texas Instruments TPS40200HD Datasheet HTML 4Page - Texas Instruments TPS40200HD Datasheet HTML 5Page - Texas Instruments TPS40200HD Datasheet HTML 6Page - Texas Instruments TPS40200HD Datasheet HTML 7Page - Texas Instruments TPS40200HD Datasheet HTML 8Page - Texas Instruments TPS40200HD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
TPS40200-HT
www.ti.com
SGLS400B – OCTOBER 2009 – REVISED MAY 2010
Table 1. Bond Pad Coordinates in Microns
DISCRIPTION
PAD NUMBER
X min
Y min
X max
Y max
RC
1
63.27
1124.01
164.07
1224.81
SS
2
61.20
922.77
162.00
1023.57
COMP
3
61.20
250.38
162.00
351.18
FB
4
70.20
74.16
171.00
174.96
GND
5
1193.94
91.44
1294.74
192.24
GDRV
6
1188.90
245.34
1289.70
346.14
ISNS
7
1189.80
978.30
1290.60
1079.10
VDD
8
1137.60
1148.49
1238.40
1249.29
Table 2. Test Pad Coordinates in Microns
DISCRIPTION
PAD NUMBER
X min
Y min
X max
Y max
NC
1
189.00
27.18
256.50
94.68
NC
2
292.86
27.18
360.36
94.68
NC
3
396.72
27.18
464.22
94.68
NC
4
517.77
27.18
585.27
94.68
NC
5
757.71
27.27
825.21
94.77
Table 3. ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
–55°C to 175°C
D
TPS40200HD
KGD
TPS40200SKGD1
–55°C to 210°C
HKJ
TPS40200SHKJ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS40200-HT


Similar Part No. - TPS40200HD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200HD TI-TPS40200HD Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200HDR TI-TPS40200HDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
More results

Similar Description - TPS40200HD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
616Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com