Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3110E15DBVTG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS3110E15DBVTG4
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3110E15DBVTG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS3110E15DBVTG4 Datasheet HTML 1Page - Texas Instruments TPS3110E15DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS3110E15DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS3110E15DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS3110E15DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS3110E15DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS3110E15DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS3110E15DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS3110E15DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363E – AUGUST 2001 – REVISED SEPTEMBER 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
NOMINAL SUPPLY VOLTAGE
THRESHOLD VOLTAGE, VIT
(2)
TPS3103E12DBVR
1.2 V
1.142 V
TPS3103E15DBVR
1.5 V
1.434 V
TPS3103H20DBVR
2.0 V
1.84 V
TPS3103K33DBVR
3.3 V
2.941 V
TPS3106E09DBVR
0.9 V
0.86 V
TPS3106E16DBVR
1.6 V
1.521 V
TPS3106K33DBVR
3.3 V
2.941 V
TPS3110E09DBVR
0.9 V
0.86 V
TPS3110E12DBVR
1.2 V
1.142 V
TPS3110E15DBVR
1.5 V
1.434 V
TPS3110K33DBVR
3.3 V
2.941 V
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Custom threshold voltages are available. Minimum order quantities apply. Contact factory for details and availability.
AVAILABLE OPTIONS
DEVICE
RESET OUTPUT
RSTSENSE, RSTVDD OUTPUT
SENSE INPUT
WDI INPUT
PFO OUTPUT
TPS3103
Open-drain
Open-drain
TPS3106
Open-drain
ü
TPS3110
Push-pull
ü
ü
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
Supply voltage, VDD
(2)
–0.3 to +3.6
V
MR Pin, VMR
–0.3 to VDD + 0.3
V
All other pins(2)
–0.3 to +3.6
V
Maximum low output current, IOL
5
mA
Maximum high output current, IOH
–5
mA
Input clamp current, IIK (VI < 0 or VI > VDD)
±10
mA
Output clamp current, IOK (VO < 0 or VO > VDD)
(3)
±10
mA
Continuous total power dissipation
See Dissipation Rating Table
Operating temperature range, TA
–40 to +85
°C
Storage temperature range, TSTG
–65 to +150
°C
Soldering temperature
+260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation, the device must not be operated at 3.6 V for more than t = 1000h
continuously.
(3)
Output is clamped for push-pull outputs by the back gate diodes internal to the IC. No clamp exists for the open-drain outputs.
2
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated


Similar Part No. - TPS3110E15DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3110E15DBVTG4 TI-TPS3110E15DBVTG4 Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3110E15DBVTG4 TI-TPS3110E15DBVTG4 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3110E15DBVTG4 TI-TPS3110E15DBVTG4 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3110E15DBVTG4 TI1-TPS3110E15DBVTG4 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
More results

Similar Description - TPS3110E15DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com