Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51103 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51103
Description  INTEGRATED LDO WITH SWITCHOVER CIRCUIT FOR NOTEBOOK COMPUTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51103 Datasheet(HTML) 2 Page - Texas Instruments

  TPS51103 Datasheet HTML 1Page - Texas Instruments TPS51103 Datasheet HTML 2Page - Texas Instruments TPS51103 Datasheet HTML 3Page - Texas Instruments TPS51103 Datasheet HTML 4Page - Texas Instruments TPS51103 Datasheet HTML 5Page - Texas Instruments TPS51103 Datasheet HTML 6Page - Texas Instruments TPS51103 Datasheet HTML 7Page - Texas Instruments TPS51103 Datasheet HTML 8Page - Texas Instruments TPS51103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TPS51103
SLUS808 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TAPE & REEL
TA
PACKAGE
PART NUMBER
ECO-PLAN
QUANTITY
TPS51103DRCT
250
Green (RoHS and No
–40°C to 85°C
Plastic DRC(1)
Sb/Br)
TPS51103DRCR
3000
(1)
For the most current package and ordering information, seet he Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VIN
–0.3 to 30
EN3, EN5, V3IN
–0.3 to 6
Input voltage range(2)
V5IN
–0.3 to 6
V
V5IN , (VVIN< 5.7 V)
–0.3 to VVIN + 0.3
Output voltage range(2)
VRTC3, VCLK, VREG3, VREG5
–0.3 to 6
Junction temperature, TJ
150
°C
Storage temperature, Tst
–55 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
POWER RATING
DERATING FACTOR
TA = 85°C
PACKAGE
BELOW AND AT TA = 25°C
ABOVE TA = 25°C
POWER RATING
10-pin DRC
1.256 W
12.6 mW/°C
0.502 W
(1)
θ
JA (junction to air) for high-K board in still air environment is 80°C/W.
MIN
TYP
MAX
UNIT
VIN
4.5
28
EN5, EN3, V3IN
–0.1
5.5
Input voltage range
V5IN
–0.1
5.5
V
V5IN, (VVIN< 5.5 V)
–0.1
VVIN
Output voltage range
VCLK, VRTC3, VREG3, VREG5
–0.1
5.5
Operating free-air temperature, TA
–40
85
°C
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS51103


Similar Part No. - TPS51103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5110 TI-TPS5110 Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS5110 TI1-TPS5110 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS51100 TI-TPS51100 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS51100DGQ TI-TPS51100DGQ Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS51100DGQ TI-TPS51100DGQ Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
More results

Similar Description - TPS51103

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
   Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
Rev. 1.0 07-11-13
EMC1188 MICROCHIP-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
Rev. 1.0 07-11-13
logo
SMSC Corporation
EMC1186 SMSC-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
EMC1188 SMSC-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
logo
Renesas Technology Corp
ISL6257 RENESAS-ISL6257 Datasheet
1,008Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com