Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-26CT31RH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS-26CT31RH
Description  Radiation Hardened Quad Differential Line Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-26CT31RH Datasheet(HTML) 1 Page - Intersil Corporation

  HS-26CT31RH_12 Datasheet HTML 1Page - Intersil Corporation HS-26CT31RH_12 Datasheet HTML 2Page - Intersil Corporation HS-26CT31RH_12 Datasheet HTML 3Page - Intersil Corporation HS-26CT31RH_12 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Radiation Hardened Quad Differential Line Drivers
HS-26CT31RH, HS-26CT31EH
The Intersil HS-26CT31RH, HS-26CT31EH are quad differential
line drivers designed for digital data transmission over
balanced lines and meet the requirements of EIA standard
RS-422. Radiation hardened CMOS processing assures low
power consumption, high speed, and reliable operation in the
most severe radiation environments.
The HS-26CT31RH, HS-26CT31EH accept TTL signal levels and
convert them to RS-422 compatible outputs. These circuits use
special outputs that enable the drivers to power down without
loading down the bus. Enable and disable pins allow several
devices to be connected to the same data source and
addressed independently.
Specifications
Specifications for Rad Hard QML devices are controlled by the
Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-95632. A “hot-link” is provided on our
homepage for downloading.
http://www.landandmaritime.dla.mil/Downloads/MilSpec/S
md/95632.pdf
Features
• Electronically Screened to SMD #5962-95632
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.2 Micron Radiation Hardened CMOS
• Total Dose Up to 300kRAD(Si)
•Latchup Free
• EIA RS-422 Compatible Outputs (Except for IOS)
• Operation with TTL Based on VIH = VDD/2
• High Impedance Outputs when Disabled or Powered Down
• Low Power Dissipation 2.75mW Standby (Max)
• Single 5V Supply
•Low Output Impedance 10
Ω or Less
• Full -55°C to +125°C Military Temperature Range
Applications
• Line Transmitter for MIL-STD-1553 Serial Data Bus
• Line Transmitter for RS422
Ordering Information
ORDERING
NUMBER
INTERNAL
MKT. NUMBER
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
5962F9563201QEC
HS1-26CT31RH-8
Q 5962F95 63201QEC
-55 to +125
16 LD SBDIP
D16.3
5962F9563201QXC
HS9-26CT31RH-8
Q 5962F95 63201QXC
-55 to +125
16 LD Flatpack
K16.A
5962F9563201VEC
HS1-26CT31RH-Q
Q 5962F95 63201VEC
-55 to +125
16 LD SBDIP
D16.3
5962F9563201VXC
HS9-26CT31RH-Q
Q 5962F95 63201VXC
-55 to +125
16 LD Flatpack
K16.A
HS1-26CT31RH/PROTO
HS1-26CT31RH/PROTO
HS1 - 26CT31RH /PROTO
-55 to +125
16 LD SBDIP
D16.3
HS9-26CT31RH/PROTO
HS9-26CT31RH/PROTO
HS9 - 26CT31RH /PROTO
-55 to +125
16 LD Flatpack
K16.A
5962F9563201V9A
HS0-26CT31RH-Q
-55 to +125
5962F9563202VXC
HS9-26CT31EH-Q
Q 5962F95 63202VXC
-55 to +125
16 LD Flatpack
K16.A
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas Inc. 2000, 2008, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
Satellite Applications Flow
™ (SAF) is a trademark of Intersil Corporation.
All other trademarks mentioned are the property of their respective owners.
February 23, 2012
FN2929.4


Similar Part No. - HS-26CT31RH_12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
More results

Similar Description - HS-26CT31RH_12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CLV31RH INTERSIL-HS-26CLV31RH_12 Datasheet
299Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Drivers
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
   Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH Datasheet
237Kb / 3P
   Radiation Hardened Quad Differential Line Driver
5962F-9568901VXC INTERSIL-5962F-9568901VXC Datasheet
227Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26C31RH INTERSIL-HS-26C31RH_13 Datasheet
140Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C32RH INTERSIL-HS-26C32RH Datasheet
159Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26CT32RH-T INTERSIL-HS-26CT32RH-T Datasheet
43Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
HS-26C31RH-T INTERSIL-HS-26C31RH-T Datasheet
69Kb / 3P
   Radiation Hardened Quad Differential Line Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com