Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS0-565BRH-Q Datasheet(PDF) 9 Page - Intersil Corporation

Part # HS0-565BRH-Q
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS0-565BRH-Q Datasheet(HTML) 9 Page - Intersil Corporation

  HS0-565BRH-Q Datasheet HTML 1Page - Intersil Corporation HS0-565BRH-Q Datasheet HTML 2Page - Intersil Corporation HS0-565BRH-Q Datasheet HTML 3Page - Intersil Corporation HS0-565BRH-Q Datasheet HTML 4Page - Intersil Corporation HS0-565BRH-Q Datasheet HTML 5Page - Intersil Corporation HS0-565BRH-Q Datasheet HTML 6Page - Intersil Corporation HS0-565BRH-Q Datasheet HTML 7Page - Intersil Corporation HS0-565BRH-Q Datasheet HTML 8Page - Intersil Corporation HS0-565BRH-Q Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
HS-565BRH, HS-565BEH
9
FN4607.4
May 7, 2012
Ceramic Metal Seal Flatpack Packages (Flatpack)
NOTES:
1. Index area: A notch or a pin one identification mark shall be located ad-
jacent to pin one and shall be located within the shaded area shown.
The manufacturer’s identification shall not be used as a pin one identi-
fication mark. Alternately, a tab (dimension k) may be used to identify
pin one.
2. If a pin one identification mark is used in addition to a tab, the limits of
dimension k do not apply.
3. This dimension allows for off-center lid, meniscus, and glass overrun.
4. Dimensions b1 and c1 apply to lead base metal only. Dimension M ap-
plies to lead plating and finish thickness. The maximum limits of lead
dimensions b and c or M shall be measured at the centroid of the fin-
ished lead surfaces, when solder dip or tin plate lead finish is applied.
5. N is the maximum number of terminal positions.
6. Measure dimension S1 at all four corners.
7. For bottom-brazed lead packages, no organic or polymeric materials
shall be molded to the bottom of the package to cover the leads.
8. Dimension Q shall be measured at the point of exit (beyond the menis-
cus) of the lead from the body. Dimension Q minimum shall be reduced
by 0.0015 inch (0.038mm) maximum when solder dip lead finish is
applied.
9. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
10. Controlling dimension: INCH.
-D-
-C-
0.004
H A - B
M
D
S
S
-A-
-B-
0.036
H A - B
M
D
S
S
e
E
A
Q
L
D
A
E1
SEATING AND
L
E2
E3
E3
BASE PLANE
-H-
b
C
S1
M
c1
b1
(c)
(b)
SECTION A-A
BASE
LEAD FINISH
METAL
PIN NO. 1
ID AREA
A
M
K24.A MIL-STD-1835 CDFP4-F24 (F-6A, CONFIGURATION B)
24 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.045
0.115
1.14
2.92
-
b
0.015
0.022
0.38
0.56
-
b1
0.015
0.019
0.38
0.48
-
c
0.004
0.009
0.10
0.23
-
c1
0.004
0.006
0.10
0.15
-
D
-
0.640
-
16.26
3
E
0.350
0.420
9.14
10.67
-
E1
-
0.450
-
11.43
3
E2
0.180
-
4.57
-
-
E3
0.030
-
0.76
-
7
e
0.050 BSC
1.27 BSC
-
k
0.008
0.015
0.20
0.38
2
L
0.250
0.370
6.35
9.40
-
Q
0.026
0.045
0.66
1.14
8
S1
0.005
-
0.13
-
6
M
-
0.0015
-
0.04
-
N24
24
-
Rev. 0 5/18/94


Similar Part No. - HS0-565BRH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS0-565BRH-Q INTERSIL-HS0-565BRH-Q Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Similar Description - HS0-565BRH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com