Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-565BEH-Q Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS1-565BEH-Q
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-565BEH-Q Datasheet(HTML) 1 Page - Intersil Corporation

  HS1-565BEH-Q Datasheet HTML 1Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 2Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 3Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 4Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 5Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 6Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 7Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 8Page - Intersil Corporation HS1-565BEH-Q Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Radiation Hardened High Speed, Monolithic
Digital-to-Analog Converter
HS-565BRH, HS-565BEH
The HS-565BRH, HS-565BEH are fast, radiation hardened
12-bit current output, digital-to-analog converters. This part
replaces the HS-565ARH, which is no longer available. The
monolithic chips include a precision voltage reference,
thin-film R-2R ladder, reference control amplifier and twelve
high-speed bipolar current switches.
The Intersil Dielectric Isolation process provides latch-up free
operation while minimizing stray capacitance and leakage
currents, to produce an excellent combination of speed and
accuracy. Also, ground currents are minimized to produce a
low and constant current through the ground terminal, which
reduces error due to code-dependent ground currents.
HS-565BRH, HS-565BEH die are laser trimmed for a
maximum integral nonlinearity error of
±0.25 LSB at +25°C. In
addition, the low noise buried zener reference is trimmed both
for absolute value and minimum temperature coefficient.
Specifications for Rad Hard QML devices are controlled by the
Defense Supply Center in Columbus (DSCC). The SMD
numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-96755. A “hot-link” is provided on our
website for downloading.
Features
• Electrically Screened to SMD # 5962-96755
• QML Qualified per MIL-PRF-38535 Requirements
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . 100 krad (Si) (Max)
• DAC and Reference on a Single Chip
• Pin Compatible with AD-565A and HI-565A
• Very High Speed: Settles to 0.50 LSB in 500ns Max
• Monotonicity Guaranteed Over Temperature
• 0.50 LSB Max Nonlinearity Guaranteed Over Temperature
•Low Gain Drift
(Max., DAC Plus Reference) . . . . . . . . . . . . . . . . . . 50ppm/°C
±0.75 LSB Accuracy Guaranteed Over Temperature
(
±0.125 LSB Typical at +25°C)
Applications
•High Speed A/D Converters
• Precision Instrumentation
• Signal Reconstruction
FIGURE 1. FUNCTIONAL DIAGRAM
REF OUT VCC
43
+
-
19.95k
REF IN
10V
6
5
REF GND
+
-
3.5k
3k
IREF
0.5mA
-VEE
PWR
GND
712
24 . . . 13
MSB LSB
(4X IREF
X CODE)
20V SPAN
10V SPAN
OUT
IO
DAC
9.95k
BIP.
OFF.
8
5k
5k
2.5k
11
10
9
May 7, 2012
FN4607.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2003, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HS1-565BEH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-565BRH-Q INTERSIL-HS1-565BRH-Q Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Similar Description - HS1-565BEH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com