Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL2671286IPZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL2671286IPZ
Description  12-Bit, 20kSPS SAR ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2671286IPZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL2671286IPZ Datasheet HTML 1Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 2Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 3Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 4Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 5Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 6Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 7Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 8Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ISL2671286
2
FN7863.0
November 1, 2011
Typical Connection Diagram
Pin Configuration
ISL2671286
(8 LD SOIC)
TOP VIEW
VREF
+IN
–IN
GND
+VCC
DCLOCK
DOUT
CS/SHDN
REFP-P
+
+
+5V SUPPLY
P/ C
VREF
SERIAL
INTERFACE
10 F
0.1 F
VREF
8
7
6
5
1
2
3
4
+IN
–IN
GND
+VCC
DCLOCK
DOUT
CS/SHDN
Pin Descriptions
PIN NAME
PIN
NUMBER
DESCRIPTION
VREF
1
Reference input
+IN
2
Non-inverting input
–IN
3
Inverting input. Connect to ground or remote
sense point.
GND
4
Ground
CS/SHDN
5
Chip select when low; shut-down mode when
high.
DOUT
6
Serial output data word comprises 12 bits of
data. In operation, data is valid on falling
edge of DCLOCK. Second clock pulse after
falling edge of CS/SHDN enables serial
output. After one null bit, data is valid for
next 12 edges.
DCLOCK
7
Data clock synchronizes serial data transfer.
+VCC
8
Power supply
Ordering Information
PART NUMBER
(Notes 1, 2)
PART MARKING
+VCC RANGE
(V)
TEMP RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL2671286IBZ (Note 3)
2671286 IBZ
4.50 to 5.25
-40°C to +85°C
8 Ld SOIC
M8.15
Coming Soon
ISL2671286IPZ
2671286 IPZ
4.50 to 5.25
-40°C to +85°C
8 Ld PDIP
E8.3
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL2671286. For more information on MSL please see Tech Brief TB363.


Similar Part No. - ISL2671286IPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2671286IPZ INTERSIL-ISL2671286IPZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Renesas Technology Corp
ISL2671286IPZ RENESAS-ISL2671286IPZ Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
More results

Similar Description - ISL2671286IPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Renesas Technology Corp
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
   3MSPS, 12-Bit SAR ADC
REV. 0
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
   12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com