Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL26319 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL26319
Description  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26319 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL26319 Datasheet HTML 1Page - Intersil Corporation ISL26319 Datasheet HTML 2Page - Intersil Corporation ISL26319 Datasheet HTML 3Page - Intersil Corporation ISL26319 Datasheet HTML 4Page - Intersil Corporation ISL26319 Datasheet HTML 5Page - Intersil Corporation ISL26319 Datasheet HTML 6Page - Intersil Corporation ISL26319 Datasheet HTML 7Page - Intersil Corporation ISL26319 Datasheet HTML 8Page - Intersil Corporation ISL26319 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners
12-bit, 125kSPS Low-power ADCs with Single-ended
and Differential Inputs and Multiple Input Channels
ISL26310, ISL26311, ISL26312,
ISL26313, ISL26314, ISL26315,
ISL26319
The ISL26310/11/12/13/14/15/19 family of sampling
SAR-type ADCs feature excellent linearity over supply and
temperature variations, and offer versions with 1-, 2-, 4- and
8-channel single-ended inputs, and 1-, 2- and 4-channel
differential inputs.
A proprietary input multiplexer and combination buffer amplifier
reduces the input drive requirements, resulting in lower cost and
reduced board space. Specified measurement accuracy is
maintained with input signals up to VDD.
Members of the ISL26310/11/12/13/14/15/19 family of
Low-Power ADCs offer pinout intercompatibility, differing only in
the analog inputs, to support quick replication of proven layouts
across multiple design platforms.
The serial digital interface is SPI compatible and is easily
interfaced to popular FPGAs and microcontrollers. Power
consumption is limited to 11mW at a sampling rate of 125kSPS,
and an operating current of just 8µA typical between
conversions, when configured for Auto Powerdown mode.
The ISL26310/11/12/13/14/15/19 feature up to 5kV Human
Body Model ESD survivability and are available in the popular
SOIC and TSSOP packages. Performance is specified for
operation over the full industrial temperature range (-40°C to
+125°C).
Features
• Pin-compatible Family Allows Easy Design Upgrades
• Excellent Differential Non-Linearity (0.7LSB max)
• Low THD: -86dB (typ)
• Simple SPI-compatible Serial Digital Interface
• Low 2.2mA Operating Current
• Power-down Current between Conversions 8µA (typ)
• +5.25V to +2.7V Supply
• Excellent ESD Survivability: 5kV HBM, 350V MM, 2kV CDM
Applications
• Industrial Process Control
• Energy Measurement
• Multichannel Data Acquisition Systems
• Pressure Sensors
• Flow Controllers
FIGURE 1. FUNCTIONAL BLOCK DIAGRAM
OSC
ADC
MUX
SPI
POR
ANALOG INPUTS
DIFFERENTIAL/
SINGLE-ENDED
VREF
VDD
CNV
SCLK
SDO
SDI
GND
BUFFER
July 3, 2012
FN7549.1


Similar Part No. - ISL26319

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL26319 RENESAS-ISL26319 Datasheet
1Mb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26319 RENESAS-ISL26319 Datasheet
1Mb / 23P
   12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26319FVZ INTERSIL-ISL26319FVZ Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL26319FVZ RENESAS-ISL26319FVZ Datasheet
1Mb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
More results

Similar Description - ISL26319

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL26310 RENESAS-ISL26310 Datasheet
1Mb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26320 INTERSIL-ISL26320 Datasheet
1Mb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Renesas Technology Corp
ISL26320 RENESAS-ISL26320 Datasheet
1Mb / 23P
   12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26320FBZ INTERSIL-ISL26320FBZ Datasheet
860Kb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435 Datasheet
463Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435_15 Datasheet
645Kb / 42P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com