Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA224S20IR1Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISLA224S20IR1Z
Description  Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224S20IR1Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISLA224S20IR1Z Datasheet HTML 2Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 3Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 4Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 5Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 6Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 7Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 8Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 9Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
ISLA224S
6
FN7911.1
May 7, 2012
Power Supply Rejection
Ratio (Note 7)
PSRR
30MHz 200mVp-p
40
40
40
dB
1MHz 200mVp-p
47
47
47
dB
Total Power Dissipation
Normal Mode
PD
989
1058
910
972
731
843
mW
Nap Mode
PD
447
490
391
453
290
398
mW
Sleep Mode
PD
CSB at logic high
5
12
5
12
6
12
mW
Nap Mode Wakeup
Time
Sample Clock
Running
55
5
µs
Sleep Mode Wakeup
Time
Sample Clock
Running
11
1
ms
AC SPECIFICATIONS (Note 8)
Differential Nonlinearity
DNL
fIN=105MHz
No Missing Codes
-1.0
±0.4
1.5
-0.5
±0.2
1
-1.0
±0.18
LSB
Integral Nonlinearity
INL
±3.0
±2.0
±2.0
LSB
Minimum Conversion
Rate (Note 9)
fS MIN
ISLA224S25/20
(3 Lanes, Efficient
Packing)
ISLA224S12 (2 Lanes,
Simple Packing)
100
100
50
MSPS
Maximum Conversion
Rate (Note 9)
fS MAX Efficient Packing
250
200
125
MSPS
Simple Packing
155
125
MSPS
Minimum Serdes Lane
Data Rate
Independent of Packing
Mode
1.0
1.0
1.0
GBPS
Maximum Serdes Lane
Data Rate
(See “Lane data rate” on
page 22.)
Independent of Packing
Mode
4.375
4.375
4.375
GBPS
Signal-to-Noise Ratio
(Note 10)
SNR
fIN = 30MHz
73.1
73.8
75.1
dBFS
fIN = 105MHz
70.8
72.9
72.5
73.6
73.0
74.4
dBFS
fIN = 190MHz
72.4
72.9
73.2
dBFS
fIN = 363MHz
71.1
71.1
70.6
dBFS
fIN = 495MHz
70.0
69.5
68.8
dBFS
fIN = 605MHz
69.0
68.3
67.3
dBFS
Signal-to-Noise and
Distortion (Note 10)
SINAD
fIN = 30MHz
72.9
73.7
74.8
dBFS
fIN = 105MHz
68.8
72.5
72.0
73.4
72.7
74.1
dBFS
fIN = 190MHz
72.1
72.1
72.4
dBFS
fIN = 363MHz
70.1
70.3
67.5
dBFS
fIN = 495MHz
66.5
65.8
62.8
dBFS
fIN = 605MHz
58.8
58.5
54.7
dBFS
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -2dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade). Boldface limits apply
over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA224S25
ISLA224S20
ISLA224S12
UNITS
MIN
(Note 6) TYP
MAX
(Note 6)
MIN
(Note 6) TYP
MAX
(Note 6)
MIN
(Note 6) TYP
MAX
(Note 6)


Similar Part No. - ISLA224S20IR1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA224S20IR1Z INTERSIL-ISLA224S20IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA224S20IR1Z RENESAS-ISLA224S20IR1Z Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results

Similar Description - ISLA224S20IR1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com