Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA224P13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISLA224P13
Description  High Performance Dual 14-Bit, 125MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224P13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISLA224P13 Datasheet HTML 3Page - Intersil Corporation ISLA224P13 Datasheet HTML 4Page - Intersil Corporation ISLA224P13 Datasheet HTML 5Page - Intersil Corporation ISLA224P13 Datasheet HTML 6Page - Intersil Corporation ISLA224P13 Datasheet HTML 7Page - Intersil Corporation ISLA224P13 Datasheet HTML 8Page - Intersil Corporation ISLA224P13 Datasheet HTML 9Page - Intersil Corporation ISLA224P13 Datasheet HTML 10Page - Intersil Corporation ISLA224P13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ISLA224P12
7
FN7983.3
August 17, 2012
Absolute Maximum Ratings
Thermal Information
AVDD to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.4V to 2.1V
OVDD to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.4V to 2.1V
AVSS to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 0.3V
Analog Inputs to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Clock Inputs to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Logic Input to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Logic Inputs to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Latchup (Tested per JESD-78C; Class 2, Level A) . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
72 Ld QFN (Notes 3, 4) . . . . . . . . . . . . . . . .
23
0.9
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
4. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = 125MSPS. Boldface limits apply over the operating temperature range,
-40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
ISLA224P12
UNITS
MIN
(Note 5)
TYP
MAX
(Note 5)
DC SPECIFICATIONS (Note 6)
Analog Input
Full-Scale Analog Input Range
VFS
Differential
1.95
2.0
2.2
VP-P
Input Resistance
RIN
Differential
600
Ω
Input Capacitance
CIN
Differential
4.5
pF
Full Scale Range Temp. Drift
AVTC
Full Temp
75
ppm/°C
Input Offset Voltage
VOS
-5.0
-1.7
5.0
mV
Common-Mode Output Voltage
VCM
0.94
V
Common-Mode Input Current
(per pin)
ICM
2.6
µA/MSPS
Clock Inputs
Inputs Common Mode Voltage
0.9
V
CLKP,CLKN Input Swing
1.8
V
Power Requirements
1.8V Analog Supply Voltage
AVDD
1.7
1.8
1.9
V
1.8V Digital Supply Voltage
OVDD
1.7
1.8
1.9
V
1.8V Analog Supply Current
IAVDD
293
312
mA
1.8V Digital Supply Current (Note 6)
IOVDD
3mA LVDS
75
83
mA
Power Supply Rejection Ratio
PSRR
30MHz, 50mVP-P signal on AVDD
-65
dB
Total Power Dissipation
Normal Mode
PD
CMOS
590
mW
2mA LVDS
640
mW
3mA LVDS
662
711
mW
Nap Mode
PD
77
85
mW
Sleep Mode
PD
CSB at logic high
6
10
mW


Similar Part No. - ISLA224P13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA224P13 INTERSIL-ISLA224P13 Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P13 INTERSIL-ISLA224P13 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA224P13 RENESAS-ISLA224P13 Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P13 RENESAS-ISLA224P13 Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P13 RENESAS-ISLA224P13 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
More results

Similar Description - ISLA224P13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
logo
Linear Technology
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com