Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL32437EIUZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL32437EIUZ
Description  짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32437EIUZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL32437EIUZ Datasheet HTML 1Page - Intersil Corporation ISL32437EIUZ Datasheet HTML 2Page - Intersil Corporation ISL32437EIUZ Datasheet HTML 3Page - Intersil Corporation ISL32437EIUZ Datasheet HTML 4Page - Intersil Corporation ISL32437EIUZ Datasheet HTML 5Page - Intersil Corporation ISL32437EIUZ Datasheet HTML 6Page - Intersil Corporation ISL32437EIUZ Datasheet HTML 7Page - Intersil Corporation ISL32437EIUZ Datasheet HTML 8Page - Intersil Corporation ISL32437EIUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ISL32430E, ISL32432E, ISL32433E, ISL32435E, ISL32437E
4
FN7920.0
March 1, 2012
B/Z
N/A
N/A
7
7
±40V Fault Protected and ±15kV ESD protected RS-485/RS-422 I/O pin. For parts
without the cable invert function - or if INV is low - B/Z is the inverting receiver input and
inverting driver output. If INV is high, B/Z is the non-inverting receiver input and the
non-inverting driver output. Pin is an input if DE = 0; pin is an output if DE = 1.
A
12
9
N/A
N/A
±40V Fault Protected and ±15kV ESD protected RS-485/RS-422 non-inverting
receiver input.
B
11
8
N/A
N/A
±40V Fault Protected and ±15kV ESD protected RS-485/RS-422 inverting receiver
input.
Y
9
6
N/A
N/A
±40V Fault Protected and ±15kV ESD protected RS-485/RS-422 non-inverting driver
output.
Z
10
7
N/A
N/A
±40V Fault Protected and ±15kV ESD protected RS-485/RS-422 inverting driver
output.
VCC
14
10
8
8
System power supply input (3V to 5.5V).
INV
N/A
N/A
N/A
2
Receiver and driver Cable Invert (polarity selection) input. When driven high this pin
swaps the polarity of the driver output and receiver input pins. If unconnected
(floating) or connected low, normal RS-485 polarity conventions apply. Internally
pulled low.
NC
1, 8, 13
N/A
N/A
N/A
No Internal Connection.
Pin Descriptions (Continued)
PIN
NAME
PIN NUMBER
FUNCTION
ISL32430E,
ISL32433E,
14 LD SOIC
ISL32430E,
ISL32433E,
10 LD MSOP
ISL32432E,
ISL32435E ISL32437E


Similar Part No. - ISL32437EIUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32437EIUZ RENESAS-ISL32437EIUZ Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
More results

Similar Description - ISL32437EIUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32430E RENESAS-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com