Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL26708 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL26708
Description  12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26708 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL26708 Datasheet HTML 1Page - Intersil Corporation ISL26708 Datasheet HTML 2Page - Intersil Corporation ISL26708 Datasheet HTML 3Page - Intersil Corporation ISL26708 Datasheet HTML 4Page - Intersil Corporation ISL26708 Datasheet HTML 5Page - Intersil Corporation ISL26708 Datasheet HTML 6Page - Intersil Corporation ISL26708 Datasheet HTML 7Page - Intersil Corporation ISL26708 Datasheet HTML 8Page - Intersil Corporation ISL26708 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
ISL26712, ISL26710, ISL26708
The ISL26712, ISL26710, ISL26708 are 12-bit, 10-bit and 8-bit,
1MSPS sampling SAR-type ADCs featuring excellent linearity over
supply and temperature variations. The robust, fully-differential
input offers high impedance to minimize errors due to leakage
currents, and the specified measurement accuracy is maintained
with input signals up to the supply rails.
The reference accepts inputs from 0.1V to 2.2V for 3V operation
and 0.1V to 3.5V for 5V operation, providing design flexibility in a
wide variety of applications. The ISL26712/10/08 also features
up to 8kV Human Body Model ESD survivability.
The serial digital interface is SPI compatible and is easily
interfaced to popular FPGAs and microcontrollers. Power
dissipation is 8.5mW at a sampling rate of 1MSPS, and just 5µW
between conversions utilizing Auto Power-Down mode (with a 5V
supply), making the ISL26712/10/08 excellent solutions for
remote industrial sensors and battery-powered instruments.
The ISL26712/10/08 are available in an 8 Ld TDFN or an SOT-23
package, and are specified for operation over the Industrial
temperature range (–40°C to +85°C).
Features
• Differential Input
• Simple SPI-compatible Serial Digital Interface
• Guaranteed No Missing Codes
• 1MHz Sampling Rate
• 3V or 5V Operation
•Low Operating Current
- 1.25mA at 1MSPS with 3V Supplies
- 1.70mA at 1MSPS with 5V Supplies
• Power-down Current between Conversions: 1µA
• Excellent Differential Non-Linearity
• Low THD: -83dB (typ)
• Pb-Free (RoHS Compliant)
• Available in TDFN Package (3x3mm)
• Available in SOT-23 Package
Applications
• Remote Data Acquisition
• Battery Operated Systems
• Industrial Process Control
• Energy Measurement
• Data Acquisition Systems
• Pressure Sensors
• Flow Controllers
FIGURE 1. BLOCK DIAGRAM
FIGURE 2. ISL26712 DIFFERENTIAL LINEARITY ERROR vs CODE
SERIAL
INTERFACE
VDD
VREF
GND
AIN+
AIN
SCLK
SDATA
CS
SAR
LOGIC
VREF
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
1024
2048
3072
4096
CODE
September 5, 2012
FN7999.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL26708

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL26708 INTERSIL-ISL26708 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL26708 INTERSIL-ISL26708 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL26708 RENESAS-ISL26708 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26708 INTERSIL-ISL26708 Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL26708IHZ-T INTERSIL-ISL26708IHZ-T Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
More results

Similar Description - ISL26708

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Linear Technology
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
   16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com