Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL267452 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL267452
Description  12-Bit, 555kSPS SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267452 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL267452 Datasheet HTML 4Page - Intersil Corporation ISL267452 Datasheet HTML 5Page - Intersil Corporation ISL267452 Datasheet HTML 6Page - Intersil Corporation ISL267452 Datasheet HTML 7Page - Intersil Corporation ISL267452 Datasheet HTML 8Page - Intersil Corporation ISL267452 Datasheet HTML 9Page - Intersil Corporation ISL267452 Datasheet HTML 10Page - Intersil Corporation ISL267452 Datasheet HTML 11Page - Intersil Corporation ISL267452 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ISL267452
8
FN8255.0
July 26, 2012
Typical Performance Characteristics
FIGURE 5. ISL267452 SINAD vs ANALOG INPUT FREQUENCY FOR
VARIOUS SUPPLY VOLTAGES
FIGURE 6. ISL267452 DYNAMIC PERFORMANCE WITH VDD = 3V
FIGURE 7. ISL267452 DYNAMIC PERFORMANCE WITH VDD = 5V
FIGURE 8. CMRR vs FREQUENCY FOR VDD = 5V
FIGURE 9. TYPICAL DNL FOR THE ISL267452 FOR VDD = 5V
FIGURE 10. PSRR vs SUPPLY RIPPLE FREQUENCY WITHOUT SUPPLY
DECOUPLING
55
60
65
70
75
10
100
1k
INPUT FREQUENCY (kHz)
2.7V
3.6V
4.75V
5.25V
-160
-140
-120
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
FREQUENCY (kHz)
277.5
8192 POINT FFT
fSAMPLE = 555kSPS
fIN = 92.5kHz
SINAD = 70.9dB
THD = 82.9dB
SFDR = 86.6dB
-160
-140
-120
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
FREQUENCY (kHz)
277.5
8192 POINT FFT
fSAMPLE = 555kSPS
fIN = 92.5kHz
SINAD = 71.7dB
THD = 85dB
SFDR = 86.2dB
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10k
100k
1k
10k
FREQUENCY (Hz)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
1024
2048
3072
4096
CODE
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (kHz)
250mVP-P SINE WAVE ON VDD
NO DECOUPLING ON VDD


Similar Part No. - ISL267452

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL267452 INTERSIL-ISL267452 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
More results

Similar Description - ISL267452

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
   3MSPS, 12-Bit SAR ADC
REV. 0
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
   12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Renesas Technology Corp
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com