Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA216S25IR48EV1Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISLA216S25IR48EV1Z
Description  16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216S25IR48EV1Z Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISLA216S25IR48EV1Z Datasheet HTML 3Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 4Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 5Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 6Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 7Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 8Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 9Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 10Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
ISLA216S
7
FN7996.0
February 2, 2012
Spurious-Free Dynamic
Range (Note 10)
SFDR
fIN = 30MHz
87
93
94
dBc
fIN = 105MHz
74
84
76
88
76
85
dBc
fIN = 190MHz
82
81
81
dBc
fIN = 363MHz
72
70
66
dBc
fIN = 495MHz
67
67
67
dBc
fIN = 605MHz
65
64
57
dBc
Spurious-Free Dynamic
Range Excluding H2, H3
(Note 10)
SFDRX23 fIN = 30MHz
88
94
100
dBc
fIN = 105MHz
89
95
94
dBc
fIN = 190MHz
87
91
89
dBc
fIN = 363MHz
81
86
84
dBc
fIN = 495MHz
79
87
80
dBc
fIN = 605MHz
75
83
77
dBc
Intermodulation
Distortion
IMD
fIN = 70MHz
96
97
96
dBFS
fIN = 170MHz
87
86
87
dBFS
Word Error Rate
WER
10-13
10-13
10-13
Full Power Bandwidth
FPBW
620
620
620
MHz
NOTES:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
7. PSRR is calculated by the equation 20*log10(A/B), where B is the amplitude of a disturber sinusoid on AVDD at the device pins, and A is the amplitude
of the spur in the captured data at the frequency of the disturber sinusoid.
8. AC Specifications apply after internal calibration of the ADC is invoked at the given sample rate and temperature. Refer to “Power-On Calibration” on
page 14 and “User Initiated Reset” on page 15 for more detail.
9. The DLL Range setting must be changed via SPI for ADC core sample rates below 80MSPS. The JESD204 transmitter can support ADC sample rates
below 100MSPS, as long as the lane data rate is greater than or equal to 1Gbps.
10. Minimum specification guaranteed when calibrated at +85°C.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -2dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade). Boldface limits apply
over the operating temperature range, -40°C to +85°C.
(Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA216S25
ISLA216S20
ISLA216S13
UNITS
MIN
(Note 6) TYP
MAX
(Note 6)
MIN
(Note 6) TYP
MAX
(Note 6)
MIN
(Note 6) TYP
MAX
(Note 6)
Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS
CMOS INPUTS
Input Current High (RESETN)
IIH
VIN = 1.8V
1
10
µA
Input Current Low (RESETN)
IIL
VIN = 0V
-25
-12
-7
µA
Input Current High (SDIO, SCL, SDA SCLK)
IIH
VIN = 1.8V
4
12
µA
Input Current Low (SDIO, SCL, SDA SCLK)
IIL
VIN = 0V
-600
-400
-300
µA
Input Current High (CSB)
IIH
VIN = 1.8V
40
52
70
µA
Input Current Low (CSB)
IIL
VIN = 0V
1
10
µA
Input Voltage High (SDIO, RESETN)
VIH
1.17
V
Input Voltage Low (SDIO, RESETN)
VIL
0.63
V
Input Current High (NAPSLP, CLKDIV) (Note 11)
IIH
19
25
30
µA
Input Current Low (NAPSLP, CLKDIV)
IIL
--30
-25
-19
µA


Similar Part No. - ISLA216S25IR48EV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA216S25IR48EV1Z RENESAS-ISLA216S25IR48EV1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
More results

Similar Description - ISLA216S25IR48EV1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com