Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29120IROZ-EVALZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL29120IROZ-EVALZ
Description  Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29120IROZ-EVALZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL29120IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29120IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29120IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29120IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29120IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29120IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29120IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29120IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ISL29120
2
FN8314.0
May 29, 2012
Pin Configuration
ISL29120
(6 LD ODFN)
TOP VIEW
FIGURE 3. BLOCK DIAGRAM
VDD
REXT
GND
SDA
SCL
COMMAND
REGISTER
INTEGRATION
ADC
DATA
REGISTER
PHOTODIODE
LIGHT
3
2
5
6
1
fOSC
IREF
4
INT
PROCESS
ARRAY
DATA
I2C/SMBus
ISL29120
RED, GREEN, BLUE
1
2
3
6
5
4
VDD
GND
REXT
SDA
SCL
INT
*EXPOSED PAD (0) CAN BE CONNECTED TO GND OR
ELECTRICALLY ISOLATED
PAD
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
TEMP.
RANGE
(°C)
PACKAGE
Tape and Reel
(Pb-Free)
PKG.
DWG. #
ISL29120IROZ-T7
-40 to +85 6 Ld ODFN
L6.2x2.1
ISL29120IROZ-EVALZ
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials and
NiPdAu plate - e4 termination finish, which is RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information
page for ISL29120. For more information on MSL please see tech
brief TB477.
Pin Descriptions
PIN NUMBER PIN NAME
DESCRIPTION
0
PAD
Exposed thermal pad, connected to ground.
1
VDD
Positive power supply, 2.25V to 3.63V.
2GND
Ground pin.
3
REXT
Connect to ground through a 499kΩ resistor.
4INT
Interrupt Output, Open Drain
5SCL
I2C serial clock Input
SCL and SDA are Open Drain. Pull-up to 1.7V min to 3.63V max power supply.
6SDA
I2C serial data Input/Output


Similar Part No. - ISL29120IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29120IROZ-EVALZ RENESAS-ISL29120IROZ-EVALZ Datasheet
462Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
More results

Similar Description - ISL29120IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29120 RENESAS-ISL29120 Datasheet
462Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
ISL29125 RENESAS-ISL29125 Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Intersil Corporation
ISL29125IROZ-T7 INTERSIL-ISL29125IROZ-T7 Datasheet
410Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
January 24, 2014
ISL29124 INTERSIL-ISL29124 Datasheet
100Kb / 2P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
February 19, 2014
logo
Renesas Technology Corp
ISL29124 RENESAS-ISL29124 Datasheet
770Kb / 16P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
January 13, 2015
logo
Intersil Corporation
ISL29125 INTERSIL-ISL29125 Datasheet
99Kb / 2P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
ISL29044AIROMZ-T7 INTERSIL-ISL29044AIROMZ-T7 Datasheet
610Kb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 19, 2013
ISL29044 INTERSIL-ISL29044 Datasheet
188Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044IROMZ-T7 INTERSIL-ISL29044IROMZ-T7 Datasheet
533Kb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
logo
Renesas Technology Corp
ISL29044A RENESAS-ISL29044A Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com