Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABCU-5700RZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ABCU-5700RZ
Description  1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ABCU-5700RZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ABCU-5700RZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ABCU-5700RZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ABCU-5700RZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ABCU-5700RZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ABCU-5700RZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ABCU-5700RZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ABCU-5700RZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ABCU-5700RZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ABCU-5700RZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
Table 2. 20-pin Connection Diagram Description
Pin
Name
Function/Description
MSA Notes
1VEET
Transmitter Ground
2
TX Fault
Transmitter Fault Indication - High Indicates a Fault
Note 1
3
TX Disable
Transmitter Disable - Module disables on high or open
Note 2
4
MOD-DEF2
Module Definition 2 - Two wire serial ID interface
Note 3
5
MOD-DEF1
Module Definition 1 - Two wire serial ID interface
Note 3
6
MOD-DEF0
Module Definition 0 - Grounded in module
Note 3
7
Rate Select
Not Connected
8
LOS
Loss of Signal - High Indicates Loss of Signal
Note 4
9VEER
Receiver Ground
10
VEER
Receiver Ground
11
VEER
Receiver Ground
12
RD-
Inverse Received Data Out
Note 5
13
RD+
Received Data Out
Note 5
14
VEER
Receiver Ground
15
VCCR
Receiver Power - 3.3 V +/- 5%
Note 6
16
VCCT
Transmitter Power - 3.3 V +/- 5%
Note 6
17
VEET
Transmitter Ground
18
TD+
Transmitter Data In
Note 7
19
TD-
Inverse Transmitter Data In
Note 7
20
VEET
Transmitter Ground
Notes:
1. TX Fault is not used and is always tied to ground through a 100 ohm resistor.
2. TX Disable as described in the MSA is not applicable to the 1000BASE-T module, but is used for convenience as an input to reset the internal
ASIC. This pin is pulled up within the module with a 4.7 K
 resistor.
Low (0 – 0.8 V):
Transceiver on
Between (0.8 V and 2.0 V):
Undefined
High (2.0 – 3.465 V):
Transceiver in reset state
Open:
Transceiver in reset state
3. Mod-Def 0,1,2. These are the module definition pins. They should be pulled up with a 4.7-10 K
 resistor on the host board to a supply less than
VCCT + 0.3 V or VCCR + 0.3 V.
Mod Def 0 is tied to ground through a 100 ohm resistor to indicate that the module is present.
Mod-Def 1 is clock line of two wire serial interface for optional serial ID
Mod-Def 2 is data line of two wire serial interface for optional serial ID
4. LOS (Loss of Signal) operation on the 1000BaseT SFP is different than for optical SFP applications. For ABCU-5700RZ, RX_LOS signal is a 1000BASE-
T linkup/link-down indicator and not a peak (AC) or voltage (DC) detector. For ABCU-5710RZ, RX_LOS is not used and is always tied to ground
via 100-ohm resistor.
5. RD-/+: These are the differential receiver outputs. They are ac coupled 100
 differential lines which should be terminated with 100  differential
at the user SerDes. The ac coupling is done inside the module and is thus not required on the host board.
The voltage swing on these lines
will be between 370 and 2000 mV differential (185 – 1000 mV single ended) when properly terminated. These levels are compatible with CML
and LVPECL voltage swings.
6. VCCR and VCCT are the receiver and transmitter power supplies. They are defined as 3.3 V ± 5% at the SFP connector pin. The maximum supply
current is 317 mA and the associated in-rush current will typically be no more than 30 mA above steady state after 500 nanoseconds.
7. TD-/+: These are the differential transmitter inputs. They are ac coupled differential lines with 100
 differential termination inside the module.
The ac coupling is done inside the module and is thus not required on the host board. The inputs will accept differential swings of 500 – 2400
mV (250 – 1200 mV single ended), though it is recommended that values between 500 and 1200 mV differential (250 – 600 mV single ended)
be used for best EMI performance. These levels are compatible with CML and LVPECL voltage swings.


Similar Part No. - ABCU-5700RZ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
ABCU-5700RZ-C ATGBICS-ABCU-5700RZ-C Datasheet
185Kb / 7P
   ABCU-5700RZ Avago Broadcom Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results

Similar Description - ABCU-5700RZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ABCU-5710RZ BOARDCOM-ABCU-5710RZ Datasheet
653Kb / 28P
   1000BASE-T 1.25 GBd Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
HBCU-5710R BOARDCOM-HBCU-5710R Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
logo
AVAGO TECHNOLOGIES LIMI...
ABCU-5730RZ AVAGO-ABCU-5730RZ Datasheet
646Kb / 25P
   Low Voltage (3.3 V) Electrical Transceiver over Category 5 Cable
logo
Agilent(Hewlett-Packard...
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57M5APZ AVAGO-AFBR-57M5APZ Datasheet
286Kb / 19P
   850 nm, 2.125/1.0625 and 1.25 GBd Ethernet, Low Voltage (3.3 V), RoHS Compliant, SFP (Small Form Pluggable), Digital Diagnostic Optical Transceiver
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
HFBR-59L1AGEZ AVAGO-HFBR-59L1AGEZ Datasheet
258Kb / 13P
   1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
logo
Agilent(Hewlett-Packard...
HFBR-59L1AL HP-HFBR-59L1AL Datasheet
328Kb / 16P
   Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
HFBR-5921AL HP-HFBR-5921AL Datasheet
230Kb / 14P
   Fibre Channel 2.125/1.0625 GBd 850 nm (2 x 5) Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com