Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54225 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54225
Description  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54225 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54225 Datasheet HTML 1Page - Texas Instruments TPS54225 Datasheet HTML 2Page - Texas Instruments TPS54225 Datasheet HTML 3Page - Texas Instruments TPS54225 Datasheet HTML 4Page - Texas Instruments TPS54225 Datasheet HTML 5Page - Texas Instruments TPS54225 Datasheet HTML 6Page - Texas Instruments TPS54225 Datasheet HTML 7Page - Texas Instruments TPS54225 Datasheet HTML 8Page - Texas Instruments TPS54225 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPS54225
www.ti.com
SLVSA15C
– OCTOBER 2009 – REVISED FEBRUARY 2011
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NO.
VO
1
Connect to output of converter. This pin is used for On-Time Adjustment.
VFB
2
Converter feedback input. Connect with feedback resistor divider.
VREG5
3
5.5 V power supply output. A capacitor (typical 1
μF) should be connected to GND.
SS
4
Soft-start control. A external capacitor should be connected to GND.
GND
5
Signal ground pin
PG
6
Open drain power good output
EN
7
Enable control input
Ground returns for low-side MOSFET. Also serve as inputs of current comparators. Connect PGND and
PGND1, PGND2
8, 9
GND strongly together near the IC.
Switch node connection between high-side NFET and low-side NFET. Also serve as inputs to current
SW1, SW2
10, 11
comparators.
Supply input for high-side NFET gate driver (boost terminal). Connect capacitor from this pin to
VBST
12
respective SW1, SW2 terminals. An internal PN diode is connected between VREG5 to VBST pin.
VIN
13
Power input and connected to high side NFET drain
VCC
14
Supply input for 5 V internal linear regulator for the control circuitry
Thermal pad of the package. Must be soldered to achieve appropriate dissipation. Should be connected
PowerPAD
Back side
to PGND.
© 2009–2011, Texas Instruments Incorporated
5
Product Folder Link(s): TPS54225


Similar Part No. - TPS54225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225TPWPRQ1 TI1-TPS54225TPWPRQ1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
More results

Similar Description - TPS54225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226 Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54326 TI-TPS54326 Datasheet
880Kb / 22P
[Old version datasheet]   4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com