Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54225 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54225
Description  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54225 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54225 Datasheet HTML 2Page - Texas Instruments TPS54225 Datasheet HTML 3Page - Texas Instruments TPS54225 Datasheet HTML 4Page - Texas Instruments TPS54225 Datasheet HTML 5Page - Texas Instruments TPS54225 Datasheet HTML 6Page - Texas Instruments TPS54225 Datasheet HTML 7Page - Texas Instruments TPS54225 Datasheet HTML 8Page - Texas Instruments TPS54225 Datasheet HTML 9Page - Texas Instruments TPS54225 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SW
VBST
EN
VO
VFB
GND
PGND
VO
4
6
9
10
11
1
2
7
12
VIN
SS
VIN
VREG5
EN
Logic
UV
OV
Protection
Logic
Ref
SS
UV
OV
UVLO
UVLO
Softstart
SS
REF
TSD
Ref
VREG5
5
PG
1mF
13
8
VCC
Ceramic
Capacitor
3
SGND
SGND
PGND
VCC
+20%
-10%
Ref
VREG5
Control logic
1 shot
XCON
-30%
OCP
SW
PGND
ZC
SW
PGND
14
VREG5
TPS54225
SLVSA15C
– OCTOBER 2009 – REVISED FEBRUARY 2011
www.ti.com
Functional Block Diagram
OVERVIEW
The TPS54225 is a 2-A synchronous step-down (buck) converter with two integrated N-channel MOSFETs. It
operates using D-CAP2
™ mode control. The fast transient response of D-CAP2™ control reduces the output
capacitance required to meet a specific level of performance. Proprietary internal circuitry allows the use of low
ESR output capacitors including ceramic and special polymer types.
DETAILED DESCRIPTION
PWM Operation
The main control loop of the TPS54225 is an adaptive on-time pulse width modulation (PWM) controller that
supports a proprietary D-CAP2
™ mode control. D-CAP2™ mode control combines constant on-time control with
an internal compensation circuit for pseudo-fixed frequency and low external component count configuration with
both low ESR and ceramic output capacitors. It is stable even with virtually no ripple at the output.
At the beginning of each cycle, the high-side MOSFET is turned on. This MOSFET is turned off after internal one
6
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS54225


Similar Part No. - TPS54225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225TPWPRQ1 TI1-TPS54225TPWPRQ1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
More results

Similar Description - TPS54225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226 Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54326 TI-TPS54326 Datasheet
880Kb / 22P
[Old version datasheet]   4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com