Electronic Components Datasheet Search |
|
TPS54225PWP Datasheet(PDF) 8 Page - Texas Instruments |
|
|
TPS54225PWP Datasheet(HTML) 8 Page - Texas Instruments |
8 / 23 page TPS54225 SLVSA15C – OCTOBER 2009 – REVISED FEBRUARY 2011 www.ti.com There are some important considerations for this type of over-current protection. The load current one half of the peak-to-peak inductor current higher than the over-current threshold. Also when the current is being limited, the output voltage tends to fall as the demanded load current may be higher than the current available from the converter. This may cause the output under-voltage protection circuit to be activated. When the over current condition is removed, the output voltage will return to the regulated value. This protection is non-latching. Over/Undervoltage Protection The TPS54225 detects over and undervoltage conditions by monitoring the feedback voltage (VFB). This function is enabled after approximately 1.7 times the soft-start time.When the feedback voltage becomes higher than 120% of the target voltage, the OVP comparator output goes high and the circuit latches the high-side MOSFET driver turns off and the low-side MOSFET turns on. When the feedback voltage becomes lower than 70% of the target voltage, the UVP comparator output goes high and an internal UVP delay counter begins. After 250 μs, the device latches off both internal top and bottom MOSFET. UVLO Protection Undervoltage lock out protection (UVLO) monitors the voltage of the VREG5 pin. When the VREG5 voltage is lower than UVLO threshold voltage, the TPS54225 is shut off. This is protection is non-latching. Thermal Shutdown Thermal protection is self-activating. If the junction temperature exceeds the threshold value (typically 150 °C), the TPS54225 shuts off. This protection is non-latching. 8 © 2009–2011, Texas Instruments Incorporated Product Folder Link(s): TPS54225 |
Similar Part No. - TPS54225PWP |
|
Similar Description - TPS54225PWP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |