Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54225PWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54225PWP
Description  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54225PWP Datasheet(HTML) 1 Page - Texas Instruments

  TPS54225PWP Datasheet HTML 1Page - Texas Instruments TPS54225PWP Datasheet HTML 2Page - Texas Instruments TPS54225PWP Datasheet HTML 3Page - Texas Instruments TPS54225PWP Datasheet HTML 4Page - Texas Instruments TPS54225PWP Datasheet HTML 5Page - Texas Instruments TPS54225PWP Datasheet HTML 6Page - Texas Instruments TPS54225PWP Datasheet HTML 7Page - Texas Instruments TPS54225PWP Datasheet HTML 8Page - Texas Instruments TPS54225PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
V
(50mV/div)
OUT
I
(1 A/div)
OUT
100 s/div
m
TPS54225
www.ti.com
SLVSA15C
– OCTOBER 2009 – REVISED FEBRUARY 2011
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
Check for Samples: TPS54225
1
FEATURES
DESCRIPTION
23
D-CAP2
™ Mode Enables Fast Transient
Response
The TPS54225 is an adaptive on-time D-CAP2
mode synchronous buck converter. The TPS54225
Low Output Ripple and Allows Ceramic Output
enables system designers to complete the suite of
Capacitor
various end equipment
’s power bus regulators with a
Wide VCC Input Voltage Range: 4.5 V to 18 V
cost effective, low component count, low standby
Wide VIN Input Voltage Range: 2 V to 18 V
current solution. The main control loop for the
TPS54225 uses the D-CAP2
™ mode control which
Output Voltage Range: 0.76 V to 5.5 V
provides a fast transient response with no external
Highly Efficient Integrated FET
’s Optimized
compensation components.
for Lower Duty Cycle Applications
The TPS54225 also has a proprietary circuit that
- 160 m
Ω (High Side) and 110 mΩ (Low Side)
enables the device to adapt to both low equivalent
High Efficiency, less than 10
μA at shutdown
series resistance (ESR) output capacitors, such as
High Initial Bandgap Reference Accuracy
POSCAP or SP-CAP, and ultra-low ESR ceramic
Adjustable Soft Start
capacitors. The device operates from 4.5-V to 18-V
VCC input , and from 2-V to 18-V VIN input power
Pre-Biased Soft Start
supply
voltage.
The
output
voltage
can
be
700-kHz Switching Frequency (fSW)
programmed between 0.76 V and 5.5 V. The device
Cycle-By-Cycle Overcurrent Limit
also features an adjustable slow start time and a
power good function. The TPS54225 is available in
Power Good Output
the 14 pin HTSSOP package, and designed to
operate from
–40°C to 85°C.
APPLICATIONS
Wide Range of Applications for Low Voltage
System
– Digital TV Power Supply
– High Definition Blu-ray Disc™ Players
– Networking Home Terminal
– Digital Set Top Box (STB)
space
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2, PowerPAD are trademarks of Texas Instruments.
3
Blu-ray Disc is a trademark of Blu-ray Disc Association.
PRODUCTION DATA information is current as of publication date.
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54225PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225TPWPRQ1 TI1-TPS54225TPWPRQ1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
More results

Similar Description - TPS54225PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226 Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54326 TI-TPS54326 Datasheet
880Kb / 22P
[Old version datasheet]   4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com