Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54329EDDA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54329EDDA
Description  4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54329EDDA Datasheet(HTML) 4 Page - Texas Instruments

  TPS54329EDDA Datasheet HTML 1Page - Texas Instruments TPS54329EDDA Datasheet HTML 2Page - Texas Instruments TPS54329EDDA Datasheet HTML 3Page - Texas Instruments TPS54329EDDA Datasheet HTML 4Page - Texas Instruments TPS54329EDDA Datasheet HTML 5Page - Texas Instruments TPS54329EDDA Datasheet HTML 6Page - Texas Instruments TPS54329EDDA Datasheet HTML 7Page - Texas Instruments TPS54329EDDA Datasheet HTML 8Page - Texas Instruments TPS54329EDDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPS54329E
SLVSAZ5A – SEPTEMBER 2011 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
Shutdown temperature (2)
165
TSDN
Thermal shutdown threshold
°C
Hysteresis (2)
35
ON-TIME TIMER CONTROL
tON
On time
VIN = 12 V, VO = 1.05 V
150
ns
tOFF(MIN)
Minimum off time
TA = 25°C, VFB = 0.7 V
(2)
260
ns
SOFT START
SS charge current
VSS = 1 V
4.2
6.0
7.8
μA
ISS
SS discharge current
VSS = 0.5 V
0.1
0.2
mA
UVLO
Wake up VREG5 voltage
3.75
UVLO
UVLO threshold
V
Hysteresis VREG5 voltage
0.33
(2)
Not production tested.
4
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS54329E


Similar Part No. - TPS54329EDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
More results

Similar Description - TPS54329EDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54326 TI1-TPS54326_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
TPS54326 TI-TPS54326_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54328 TI-TPS54328_15 Datasheet
1Mb / 27P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com