Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54394 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54394
Description  3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54394 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54394 Datasheet HTML 1Page - Texas Instruments TPS54394 Datasheet HTML 2Page - Texas Instruments TPS54394 Datasheet HTML 3Page - Texas Instruments TPS54394 Datasheet HTML 4Page - Texas Instruments TPS54394 Datasheet HTML 5Page - Texas Instruments TPS54394 Datasheet HTML 6Page - Texas Instruments TPS54394 Datasheet HTML 7Page - Texas Instruments TPS54394 Datasheet HTML 8Page - Texas Instruments TPS54394 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SW1
VIN1
VBST 1
EN1
VFB2
VFB1
GND
VREG5
PGND1
6
VIN2
VBST2
EN2
SW 2
PG1
5
1
3
PG2
9
10
11
PGND 2
2
4
7
13
12
14
8
15
16
TPS54394
HTSSOP16
(PowerPAD)
TPS54394
www.ti.com
SLVSBE6 – JUNE 2012
DEVICE INFORMATION
HTSSOP PACKAGE
(TOP VIEW)
PIN FUNCTIONS(1)
PIN
I/O
DESCRIPTION
NAME
NUMBER
VIN1, VIN2
1, 16
I
Power inputs and connects to both high side NFET drains.
Supply Input for 5.5V linear regulator.
VBST1, VBST2
2, 15
I
Supply input for high-side NFET gate drive circuit. Connect 0.1µF ceramic capacitor between
VBSTx and SWx pins. An internal diode is connected between VREG5 and VBSTx
SW1, SW2
3, 14
I/O
Switch node connections for both the high-side NFETs and low–side NFETs. Input of current
comparator.
PGND1, PGND2
4, 13
I/O
Ground returns for low-side MOSFETs. Input of current comparator.
EN1, EN2
5, 12
I
Enable. Pull High to enable according converter.
PG1, PG2
6, 11
O
Open drain power good output. Low means the output voltage of the corresponding output is
out of regulation.
VFB1, VFB2
7, 10
I
D-CAP2 feedback inputs. Connect to output voltage with resistor divider.
GND
8
I/O
Signal GND. Connect sensitive SSx and VFBx returns to GND at a single point.
VREG5
9
O
Output of 5.5V linear regulator. Bypass to GND with a high-quality ceramic capacitor of at least
1.0 µF. VREG5 is active when ENx is high.
Exposed Thermal
Back side
I/O
Thermal pad of the package. Must be soldered to achieve appropriate dissipation. Must be
Pad
connected to GND.
(1)
x means either 1 or 2, e.g. VFBx means VFB1 or VFB2.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS54394


Similar Part No. - TPS54394

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54394 TI1-TPS54394 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394PWP TI1-TPS54394PWP Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394PWPR TI1-TPS54394PWPR Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394RSAR TI1-TPS54394RSAR Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394RSAT TI1-TPS54394RSAT Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS54394

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54394 TI1-TPS54394_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI-TPS54394_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI-TPS54395_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com