Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54495PWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54495PWP
Description  4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54495PWP Datasheet(HTML) 2 Page - Texas Instruments

  TPS54495PWP Datasheet HTML 1Page - Texas Instruments TPS54495PWP Datasheet HTML 2Page - Texas Instruments TPS54495PWP Datasheet HTML 3Page - Texas Instruments TPS54495PWP Datasheet HTML 4Page - Texas Instruments TPS54495PWP Datasheet HTML 5Page - Texas Instruments TPS54495PWP Datasheet HTML 6Page - Texas Instruments TPS54495PWP Datasheet HTML 7Page - Texas Instruments TPS54495PWP Datasheet HTML 8Page - Texas Instruments TPS54495PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS54495
SLVSBH0 – JUNE 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
PACKAGE(2) (3)
ORDERING PART NUMBER
PINS
OUTPUT SUPPLY
TPS54495PWPR
Tape-and-Reel
–40
℃ to 85℃
PWP
16
TPS54495PWP
Tube
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
All packaging options have Cu NIPDAU lead/ball finish.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
VIN1, VIN2, EN1, EN2
–0.3 to 20
VBST1, VBST2
–0.3 to 26
VBST1, VBST2 (10ns transient)
–0.3 to 28
Input voltage range
VBST1–SW1 , VBST2–SW2
–0.3 to 6.5
V
VFB1, VFB2
–0.3 to 6.5
SW1, SW2
–2 to 20
SW1, SW2 (10ns transient)
–3 to 22
VREG5, SS1, SS2
–0.3 to 6.5
Output voltage range
V
PGND1, PGND2
–0.3 to 0.3
Human Body Model (HBM)
2
kV
Electrostatic discharge
Charged Device Model (CDM)
500
V
TA
Operating ambient temperature range
–40 to 85
°C
TSTG
Storage temperature range
–55 to 150
°C
TJ
Junction temperature range
–40 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" are not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to IC GND terminal.
THERMAL INFORMATION
TPS54495
THERMAL METRIC(1)
UNITS
PWP (16) PINS
θJA
Junction-to-ambient thermal resistance
41.4
θJCtop
Junction-to-case (top) thermal resistance
27.8
θJB
Junction-to-board thermal resistance
23.2
°C/W
ψJT
Junction-to-top characterization parameter
0.9
ψJB
Junction-to-board characterization parameter
23.0
θJCbot
Junction-to-case (bottom) thermal resistance
3.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS54495


Similar Part No. - TPS54495PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54495PWP TI1-TPS54495PWP Datasheet
990Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495PWPR TI1-TPS54495PWPR Datasheet
990Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS54495PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54495 TI1-TPS54495_16 Datasheet
990Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI-TPS54494_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI1-TPS54494_16 Datasheet
979Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI1-TPS54494 Datasheet
923Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI-TPS54495_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com