Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54525PWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54525PWPR
Description  4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54525PWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54525PWPR Datasheet HTML 6Page - Texas Instruments TPS54525PWPR Datasheet HTML 7Page - Texas Instruments TPS54525PWPR Datasheet HTML 8Page - Texas Instruments TPS54525PWPR Datasheet HTML 9Page - Texas Instruments TPS54525PWPR Datasheet HTML 10Page - Texas Instruments TPS54525PWPR Datasheet HTML 11Page - Texas Instruments TPS54525PWPR Datasheet HTML 12Page - Texas Instruments TPS54525PWPR Datasheet HTML 13Page - Texas Instruments TPS54525PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Output Current (A)
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
G005
EN (10 V/div)
V
(500 mV/div)
O
PG (5 V/div)
VREG5 (5 V/div)
1.03
1.04
1.05
1.06
1.07
0
5
10
15
20
Input Voltage (V)
IO = 0 A
IO = 1 A
G005
Slew Rate (0.35A/µsec)
V
(50 mV/div ac coupled)
O
I
(2A/div)
OUT
Time Scale (100µsec/div)
TPS54525
SLVSB82 – MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS
VIN = 12 V, TA = 25 °C (unless otherwise noted)
1.05-V OUTPUT VOLTAGE
vs
1.05-V, 50-mA to 5.5-A LOAD
INPUT VOLTAGE
TRANSIENT RESPONSE
Figure 5.
Figure 6.
EFFICIENCY
vs
START-UP WAVE FORM
OUTPUT CURRENT
Figure 7.
Figure 8.
10
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS54525


Similar Part No. - TPS54525PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521 Datasheet
893Kb / 35P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI1-TPS54521 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS54521RHL TI-TPS54521RHL Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521RHL TI-TPS54521RHL Datasheet
893Kb / 35P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
More results

Similar Description - TPS54525PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54627 TI-TPS54627 Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54625 TI1-TPS54625 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54527 TI1-TPS54527 Datasheet
785Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54527 TI-TPS54527_15 Datasheet
735Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54627 TI-TPS54627_15 Datasheet
937Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com