Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63000-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63000-Q1
Description  HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63000-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS63000-Q1 Datasheet HTML 1Page - Texas Instruments TPS63000-Q1 Datasheet HTML 2Page - Texas Instruments TPS63000-Q1 Datasheet HTML 3Page - Texas Instruments TPS63000-Q1 Datasheet HTML 4Page - Texas Instruments TPS63000-Q1 Datasheet HTML 5Page - Texas Instruments TPS63000-Q1 Datasheet HTML 6Page - Texas Instruments TPS63000-Q1 Datasheet HTML 7Page - Texas Instruments TPS63000-Q1 Datasheet HTML 8Page - Texas Instruments TPS63000-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ELECTRICAL CHARACTERISTICS
TPS63000-Q1
www.ti.com ...................................................................................................................................................................................................... SLVS968 – JUNE 2009
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC/DC Stage
VFB
Feedback voltage
495
500
505
mV
f
Oscillator frequency
1250
1500
kHz
Frequency range for synchronization
1250
1800
kHz
ISW
Switch current limit
VIN = VINA = 3.6 V, TA = 25°C
1600
1800
2100
mA
High-side switch on resistance
VIN = VINA = 3.6 V
100
m
Low-side switch on resistance
VIN = VINA = 3.6 V
100
m
Line regulation
0.5%
Load regulation
0.5%
VIN
1
1.5
µA
Quiescent
IO = 0 mA, VEN = VIN = VINA = 3.6 V,
Iq
VINA
40
50
µA
current
VOUT = 3.3 V
VOUT (adjustable output voltage)
4
6
µA
IS
Shutdown current
VEN = 0 V, VIN = VINA = 3.6 V
0.1
1
µA
Control Stage
VUVLO
Undervoltage lockout threshold
VINA voltage decreasing
1.5
1.7
1.8
V
VIL
EN, PS/SYNC input low voltage
0.4
V
VIH
EN, PS/SYNC input high voltage
1.2
V
EN, PS/SYNC input current
Clamped on GND or VINA
0.01
0.1
µA
Overtemperature protection
140
°C
Overtemperature hysteresis
20
°C
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS63000-Q1


Similar Part No. - TPS63000-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63000 TI-TPS63000 Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI1-TPS63000 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000DRC TI-TPS63000DRC Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
More results

Similar Description - TPS63000-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI1-TPS63000_12 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
logo
Richtek Technology Corp...
RT6154A RICHTEK-RT6154A Datasheet
169Kb / 15P
   High Efficiency Single Inductor Buck-Boost Converter
logo
Texas Instruments
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com