Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL406G Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # KBL406G
Description  Single Phase 4.0AMP. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

KBL406G Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  KBL406G Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd KBL406G Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (KBL401G THRU KBL407G)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TJ=125 C
0
TJ=25 C
0
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
10
100
1000
50
1
0
100
150
250
NUMBER OF CYCLES AT 60Hz
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
0
100
150
0
3
2
1
4
5
AMBIENT TEMPERATURE. ( C)
o
FIG.5- TYPICAL FORWARD
PER BRIDGE ELEMENT
CHARACTERISTICS
0.6
0.4
0.8
1.2
1.0
1.4
1.6
0.01
0.1
1
10
INSTANTANEOUS FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
200
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
2
5
10
20
800
100
1000
600
500
400
300
200
100
0
REVERSE VOLTAGE. (V)
200
500
Tj=25 C
0
50
0.1
0.5
KBL401G-KBL407G
Single Phase 4.0AMP. Glass Passivated Bridge Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - KBL406G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBL406G WTE-KBL406G Datasheet
39Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBL406G GENESIC-KBL406G Datasheet
424Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Won-Top Electronics
KBL406G WTE-KBL406G Datasheet
45Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBL406G JUXING-KBL406G Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBL406G TSC-KBL406G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - KBL406G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UG4KB05G DYELEC-UG4KB05G_17 Datasheet
1Mb / 3P
   SINGLE PHASE 4.0AMP GLASS PASSIVATED BRIDGE
logo
SeCoS Halbleitertechnol...
GBU4005 SECOS-GBU4005_18 Datasheet
376Kb / 2P
   4.0Amp Glass Passivated Bridge Rectifiers
logo
DIYI Electronic Technol...
UG4KB05 DYELEC-UG4KB05 Datasheet
413Kb / 2P
   SINGLE PHASE 4.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG4KB05G DYELEC-UG4KB05G Datasheet
441Kb / 2P
   SINGLE PHASE 4.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KBP4005G SMCDIODE-KBP4005G Datasheet
317Kb / 5P
   SINGLE PHASE 4.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
HBS402 SMCDIODE-HBS402 Datasheet
562Kb / 5P
   Glass Passivated Single-Phase 4.0Amp Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
KBL4005 LUGUANG-KBL4005 Datasheet
258Kb / 2P
   Single Phase 4.0AMP. Silicon Bridge Rectifiers
KBL401 LUGUANG-KBL401 Datasheet
219Kb / 2P
   Single Phase 4.0AMP. Silicon Bridge Rectifiers
logo
First Components Intern...
GBL400G FCI-GBL400G Datasheet
235Kb / 2P
   4.0Amp GLASS PASSIVATED BRIGGE Rectifiers GLASS PASSIVATED
logo
SeCoS Halbleitertechnol...
KBL005G SECOS-KBL005G Datasheet
145Kb / 2P
   Voltage 50V ~ 1000V, 4.0Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com