Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65100QPWPRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65100QPWPRQ1
Description  TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65100QPWPRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65100QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 13Page - Texas Instruments TPS65100QPWPRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Vo1
5 V/div
VI = 3.3 V
VO = 10 V,
IO = 300 mA
500
µs/div
II
500
mA/div
Vo1
5 V/div
VI = 3.3 V
VO = 10 V,
VCOM CI = 1 nF
500
µs/div
Vo2
5 V/div
Vo3
10 V/div
VCOM
2 V/div
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
8.8
9.8
10.8
11.8
12.8
13.8
14.8
Vo1 − Output Voltage − V
Vo2 = −8 V
TA = −40°C
TA = 25°C
TA = 85°C
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
9
10
11
12
13
14
15
Vo1 − Output Voltage − V
Vo3 = 18 V (Doubler Mode)
TA = 25°C
TA = 85°C
TA = −40°C
0
0.02
0.04
0.06
0.08
0.10
0.12
9
10
11
12
13
14
15
Vo1 − Output Voltage − V
Vo3 = 28 V (Tripler Mode)
TA = 25°C
TA = 85°C
TA = −40°C
TPS65100-Q1
SLVS849A – JULY 2008 – REVISED APRIL 2012
www.ti.com
POWER-UP SEQUENCING
SOFT START VO1
VO2 MAXIMUM LOAD CURRENT
Figure 10.
Figure 11.
Figure 12.
VO3 MAXIMUM LOAD CURRENT
VO3 MAXIMUM LOAD CURRENT
Figure 13.
Figure 14.
10
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS65100-Q1


Similar Part No. - TPS65100QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100QPWPRQ1 TI1-TPS65100QPWPRQ1 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
More results

Similar Description - TPS65100QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
logo
Maxim Integrated Produc...
MAX1997 MAXIM-MAX1997 Datasheet
766Kb / 31P
   Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com