Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65140-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65140-Q1
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65140-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65140-Q1 Datasheet HTML 6Page - Texas Instruments TPS65140-Q1 Datasheet HTML 7Page - Texas Instruments TPS65140-Q1 Datasheet HTML 8Page - Texas Instruments TPS65140-Q1 Datasheet HTML 9Page - Texas Instruments TPS65140-Q1 Datasheet HTML 10Page - Texas Instruments TPS65140-Q1 Datasheet HTML 11Page - Texas Instruments TPS65140-Q1 Datasheet HTML 12Page - Texas Instruments TPS65140-Q1 Datasheet HTML 13Page - Texas Instruments TPS65140-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
9
10
11
12
13
14
15
Vo1 − Output Voltage − V
Vo3 = 18 V (Doubler Mode)
TA = 25°C
TA = 85°C
TA = −40°C
0
0.02
0.04
0.06
0.08
0.10
0.12
9
10
11
12
13
14
15
Vo1 − Output Voltage − V
Vo3 = 28 V (Tripler Mode)
TA = 25°C
TA = 85°C
TA = −40°C
DETAILED DESCRIPTION
Main Boost Converter
Power-Good Output
Enable and Power-On Sequencing (EN, ENR)
TPS65140-Q1
TPS65145-Q1
SGLS277A – NOVEMBER 2004 – REVISED APRIL 2008 ................................................................................................................................................. www.ti.com
Vo3 MAXIMUM LOAD CURRENT
Vo3 MAXIMUM LOAD CURRENT
Figure 13.
Figure 14.
The TPS65140/45 consists of a main boost converter operating with a fixed switching frequency of 1.6 MHz to
allow for small external components. The boost converter output voltage Vo1 is also the input voltage, connected
via the pin SUP, for the positive and negative charge pump. The linear regulator controller is independent from
this system with its own enable pin. This allows the linear regulator controller to continue to operate while the
other supply rails are disabled or in shutdown due to a fault condition on one of their outputs. Refer to the
functional block diagram for more information.
The main boost converter operates with PWM and a fixed switching frequency of 1.6 MHz. The converter uses a
unique fast response, voltage mode controller scheme with input voltage feedforward. This achieves excellent
line and load regulation (0.2% A load regulation typical) and allows the use of small external components. To add
higher flexibility to the selection of external component values, the device uses external loop compensation.
Although the boost converter looks like a nonsynchronous boost converter topology operating in discontinuous
mode at light load, the TPS65140/45 maintains continuous conduction even at light load currents.
This is achieved with a novel architecture using an external Schottky diode and an integrated MOSFET in parallel
connected between SW and SUP (see the functional block diagram). The integrated MOSFET Q2 allows the
inductor current to become negative at light load conditions. For this purpose, a small integrated P-channel
MOSFET with typically 10
Ω rDS(on) is sufficient. When the inductor current is positive, the external Schottky diode
with the lower forward voltage conducts the current. This causes the converter to operate with a fixed frequency
in continuous conduction mode over the entire load current range. This avoids the ringing on the switch pin as
seen with a standard nonsynchronous boost converter and allows a simpler compensation for the boost
converter.
The TPS65140/45 has an open-drain power-good output with a maximum sink capability of 1 mA. The
power-good output goes high as soon as the main boost converter Vo1 and the negative and the positive charge
pumps are within regulation. The power-good output goes low as soon as one of the outputs is out of regulation.
In this case, the device goes into shutdown at the same time. See the electrical characteristics table for the
power-good thresholds.
The device has two enable pins. These pins should be terminated and not left floating to prevent faulty operation.
Pulling the enable pin (EN) high enables the device and starts the power-on sequencing with the main boost
converter Vo1 coming up first, then the negative and positive charge pumps. The linear regulator has an
independent enable pin (ENR). Pulling this pin low disables the regulator, and pulling this pin high enables this
regulator.
10
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS65140-Q1 TPS65145-Q1


Similar Part No. - TPS65140-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65140-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com