Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65562 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS65562
Description  INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65562 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65562 Datasheet HTML 1Page - Texas Instruments TPS65562 Datasheet HTML 2Page - Texas Instruments TPS65562 Datasheet HTML 3Page - Texas Instruments TPS65562 Datasheet HTML 4Page - Texas Instruments TPS65562 Datasheet HTML 5Page - Texas Instruments TPS65562 Datasheet HTML 6Page - Texas Instruments TPS65562 Datasheet HTML 7Page - Texas Instruments TPS65562 Datasheet HTML 8Page - Texas Instruments TPS65562 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
TPS65562
SLVS775 – JUNE 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–35
°C to 85°C
CAH
16-pin QFN
TPS65562RGT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
over operating free-air temperature range (unless otherwise noted)
UNIT
VCC, IGBT_VCC
–0.6 to 6
Supply voltage
V
VBAT
–0.6 to 13
VSW
Switch terminal voltage
–0.6 to 50
V
ISW
Switch current between SW and PGND
3
A
VI
Input voltage of CHG, I_PEAK, F_ON
–0.3 to VCC
V
Tstg
Storage temperature
–40 to 150
°C
TJ
Maximum junction temperature
125
°C
ESD rating
HBM (Human Body Model) JEDEC JES22-A114
1
kV
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN MAX
UNIT
VCC
2.7
4
Supply voltage
IGBT_VCC
2.7
5.5
V
VBAT
1.6
12
VSW
Switch terminal voltage
–0.3
45
V
ISW
Switch current between SW and PGND
2
A
Operating free-air temperature range
–35
85
°C
VIH
High-level digital input voltage at CHG and F_ON
2
V
VIL
Low-level digital input voltage at CHG and F_ON
0.5
V
POWER RATINGS
POWER RATINGS RATE
POWER RATINGS RATE
PACKAGE
RθJA
(1)
TA < 25°C
TA = 70°C
TA = 85°C
QFN
47.4
°C/W
2.11 W
1.16 W
844 mW
(1)
The thermal resistance, RθJA, is based on a soldered PowerPAD™ package on 2S2P JEDEC board using thermal vias.
2
Submit Documentation Feedback


Similar Part No. - TPS65562

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Sumida Corporation
TPS65560 SUMIDA-TPS65560 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
logo
Texas Instruments
TPS65560RGT TI-TPS65560RGT Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560RGTR TI-TPS65560RGTR Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560RGTRG4 TI-TPS65560RGTRG4 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results

Similar Description - TPS65562

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
   Highly Integrated Photo Flash Charger and IGBT Driver
EV3356DG-00A MPS-EV3356DG-00A Datasheet
279Kb / 6P
   Integrated Photo Flash Charger IGBT Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com