Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65562 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65562
Description  INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65562 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65562 Datasheet HTML 1Page - Texas Instruments TPS65562 Datasheet HTML 2Page - Texas Instruments TPS65562 Datasheet HTML 3Page - Texas Instruments TPS65562 Datasheet HTML 4Page - Texas Instruments TPS65562 Datasheet HTML 5Page - Texas Instruments TPS65562 Datasheet HTML 6Page - Texas Instruments TPS65562 Datasheet HTML 7Page - Texas Instruments TPS65562 Datasheet HTML 8Page - Texas Instruments TPS65562 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
TPS65562
SLVS775 – JUNE 2007
TA = 25°C, VBAT = 4.2 V, VCC = 3 V, IGBT_VCC = 3 V, V(SW) = 4.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RONL
ON resistance of XFULL
IXFULL = –1 mA
1.5
3
k
VPKH
(1)
Upper threshold voltage of I_PEAK
VCC = 3 V
2.4
V
VPKL
(1)
Lower threshold voltage of I_PEAK
VCC = 3 V
0.6
V
ICC1
Supply current from VBAT
CHG = H, VSW = 0 V (free run by tMAX)
17
50
μA
ICC2
Supply current from VCC
CHG = H, VSW = 0 V (free run by tMAX)
1.3
3
mA
ICC3
Supply current from VCC and VBAT
CHG = L
1
μA
ILKG1
Leakage current of SW terminal
2
μA
ILKG2
Leakage current of XFULL terminal
VXFULL = 5 V
1
μA
VI_PEAK = 3 V, CHG: High
2
Isink
Sink current at I_PEAK
μA
VI_PEAK = 3 V, CHG: Low
0.1
RONSW
SW ON resistance between SW and PGND
ISW = 1 A, VCC = 3 V
0.4
0.9
RIGBT1
G_IGBT pull up resistance
VG_IGBT = 0 V, IGBT_VCC = 3 V
8
12
19.4
RIGBT2
G_IGBT pull down resistance
VG_IGBT = 3 V, IGBT_VCC = 3 V
36
53
70
IPEAK1
Upper peak of ISW
VI_IPEAK = 3 V
1.58
1.68
1.78
A
IPEAK2
Lower peak of ISW
VI_IPEAK = 0 V
0.7
0.8
0.9
A
VBAT = 1.6 V, VCC = 3 V
28.0
28.7
29.4
V
VFULL
Charge completion detect voltage at V(SW)
VCC = 3 V
28.6
29.0
29.4
V
VZERO
Zero current detection at VSW
1
20
60
mV
TSD
(1)
Thermal shutdown temperature
150
160
170
°C
OVDS
Over current detection at VSW
0.95
1.2
1.45
V
TMIX
MAX OFF time
25
50
80
μs
TMAX
MAX ON time
50
100
160
μs
RINPD
Pull down resistance of CHG, F_ON
VCHG = VF_ON = 4.2 V
100
k
(1)
Specified by design
TA =25°C, VBAT = 4.2 V, VCC = 3 V, IGBT_VCC = 3 V, VSW =4.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
F_ON
↑↓ G_IGBT↑↓
50
ns
SW ON after VSW dips from VZERO
500
ns
SW OFF after ISW exceeds IPEAK
270
ns
tPD
(1)
Propagation delay
XFULL
↓ after VSW exceeds V
Full
400
ns
SW ON after CHG
12
μs
SW OFF after CHG
20
ns
(1)
Specified by design
3
Submit Documentation Feedback


Similar Part No. - TPS65562

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Sumida Corporation
TPS65560 SUMIDA-TPS65560 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
logo
Texas Instruments
TPS65560RGT TI-TPS65560RGT Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560RGTR TI-TPS65560RGTR Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560RGTRG4 TI-TPS65560RGTRG4 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results

Similar Description - TPS65562

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
   Highly Integrated Photo Flash Charger and IGBT Driver
EV3356DG-00A MPS-EV3356DG-00A Datasheet
279Kb / 6P
   Integrated Photo Flash Charger IGBT Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com