Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65530ARSLT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65530ARSLT
Description  FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65530ARSLT Datasheet(HTML) 3 Page - Texas Instruments

  TPS65530ARSLT Datasheet HTML 1Page - Texas Instruments TPS65530ARSLT Datasheet HTML 2Page - Texas Instruments TPS65530ARSLT Datasheet HTML 3Page - Texas Instruments TPS65530ARSLT Datasheet HTML 4Page - Texas Instruments TPS65530ARSLT Datasheet HTML 5Page - Texas Instruments TPS65530ARSLT Datasheet HTML 6Page - Texas Instruments TPS65530ARSLT Datasheet HTML 7Page - Texas Instruments TPS65530ARSLT Datasheet HTML 8Page - Texas Instruments TPS65530ARSLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TPS65530A
www.ti.com............................................................................................................................................................ SLVS835C – APRIL 2008 – REVISED APRIL 2009
TERMINAL FUNCTIONS
TERMINAL
I/O(1)
DESCRIPTION
NO.
NAME
1
SW4S
O
Buck-side terminal of coil for CH4
2
PGND4
G
GND for CH4 low-side FET
3
SW4I
I
Boost-side terminal of coil for CH4
4
VOUT4
O
Output of CH4
Output voltage feedback for CH4. The external resistors should be connected as close as possible
5
FB4
I
to the terminal.
6
ENAFE
I
Enable for CH4 (L: Disable, H: Enable)
7
XSLEEP
I
Control for sleep mode/normal operation (L: Sleep mode, H: Normal operation)
8
EN7
I
Enable for CH7 (L: Disable, H: Enable)
Soft-start time adjustment. The time is programmable by an external capacitor (see the Soft Start
9
S/S
I/O
description).
10
AGND
G
Analog ground
11
REF
O
Output of LDO. From 2.2
µF to 4.7 µF, capacitor should be connected to AGND.
12
VCC2
P
Power supply at CH2 buck-side FET from battery
13
SW2S
O
Buck-side terminal of coil for CH2
14
PGND2
G
GND for CH2 low-side FET
15
SW2I
I
Boost-side terminal of coil for CH2
16
VOUT2
O
Output of CH2
Output voltage feedback for CH2. The external resistors should be connected as close as possible
17
FB2
O
to the terminal.
18
VCC1
P
Power supply at CH1 high-side FET from battery
19
SW1
O
Output of CH1. The terminal should be connected to the external inductor.
20
PGND1
G
GND for CH1 low-side FET
Output voltage feedback for CH1. The external resistors should be connected as close as possible
21
FB1
I
to the terminal.
Output voltage feedback for CH3. The external resistors should be connected as close as possible
22
FB3
I
to the terminal.
23
VCC3
P
Power supply at CH3 high-side FET from battery
24
SW3
O
Output of CH3. The terminal should be connected to the external inductor.
25
PGND3
G
GND for CH3 low-side FET
Output for CH8 external low-side FET drive. The terminal is connected to the gate of the low-side
26
SW8LD
O
external FET.
Switching output for CH8 at wake mode. The terminal is switched when the output voltage of CH8
27
LL8
O
is less than 2.5 V.
Output for CH8 external high-side FET drive. The terminal is connected to the gate of the
28
SW8HD
O
high-side external FET.
29
PS
I
Power input for IC inside. The terminal should be connected to CH8 output voltage.
Output voltage feedback for CH8. The external resistors should be connected as close as possible
30
FB8
I
to the terminal.
31
FBG7/8
I
GND for CH7/8 feedback resistors
32
B-ADJ
I
Brightness adjustment for W-LED
33
FBC
I
Output current feedback for CH7
34
CIN
I
Input current at CH7 load switch
Output voltage feedback for CH7. The external resistors should be connected as close as possible
35
FBV
I
to the terminal.
36
SW7
O
Output of CH7. The terminal should be connected to the external inductor.
Power GND for CH5/7. The terminal should be connected by power ground layer at PCB via a
37
PGND5/7
G
through hole.
38
SW5
O
Low-side terminal of coil for CH5
(1)
I = input, O = output, I/O = input/output, P = power supply, G = GND
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS65530A


Similar Part No. - TPS65530ARSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65530 TI-TPS65530 Datasheet
620Kb / 30P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
TPS65530 TI-TPS65530 Datasheet
746Kb / 28P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
TPS65530RSLR TI-TPS65530RSLR Datasheet
620Kb / 30P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
TPS65530RSLR TI-TPS65530RSLR Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65530RSLR TI-TPS65530RSLR Datasheet
746Kb / 28P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
More results

Similar Description - TPS65530ARSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65530 TI-TPS65530_08 Datasheet
746Kb / 28P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
TPS65530 TI-TPS65530 Datasheet
620Kb / 30P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
logo
Micro Electronics
T06378 MICRO-ELECTRONICS-T06378 Datasheet
179Kb / 1P
   DC TO DC CONVERTER TRANSFORMER FOR DIGITAL STILL CAMERA
logo
OmniVision Technologies...
OV2710-1E OMNIVISION-OV2710-1E_15 Datasheet
10Mb / 2P
   Digital Still Cameras
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
logo
Sanyo Semicon Device
LB8652LP SANYO-LB8652LP Datasheet
112Kb / 9P
   Driver for Digital Still Cameras
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610_12 Datasheet
4Mb / 31P
   Seven-Channel PMU for Digital Still Cameras
logo
Shenzhen Huazhimei Semi...
HM8833C HMSEMI-HM8833C Datasheet
1Mb / 16P
   Digital Still Cameras
logo
Advanced Analogic Techn...
AAT2610 ANALOGICTECH-AAT2610 Datasheet
5Mb / 33P
   7-Channel PMU for Digital Still Cameras
logo
OmniVision Technologies...
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
   Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com