Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71202MDRCTEP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71202MDRCTEP
Description  DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71202MDRCTEP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS71202MDRCTEP Datasheet HTML 6Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 7Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 8Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 9Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 10Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 11Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 12Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 13Page - Texas Instruments TPS71202MDRCTEP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
C1 +
(3
105)
(R1 ) R2)
(R1
R2)
(pF)
V
OUT + VREF
1 )
R1
R2
R1 +
V
OUT
V
REF
* 1
R2
VOUT
1.225 V
1.5 V
2.5 V
3.0 V
3.3 V
4.75 V
R1/R3
Short
7.15 k
31.6 k
43.2 k
49.9 k
86.6 k
R2/R4
Open
30.1 k
30.1 k
30.1 k
30.1 k
30.1 k
Output Voltage Programming Guide
C1/C2
Open
100 pF
22 pF
15 pF
15 pF
15 pF
TPS71202
GND
EN2
FB2
NR
IN
OUT1
FB1
EN1
OUT2
V
IN
V
OUT1
V
OUT2
0.1
µF
2.2
µF
2.2
µF
0.01
µF
C1
R1
C2
R3
R2
R4
TPS71202-EP
SGLS395A – OCTOBER 2008 – REVISED SEPTEMBER 2010
www.ti.com
PROGRAMMING THE TPS71202
For voltages
≤ 1.8 V, the value of this capacitor
ADJUSTABLE LDO REGULATOR
should be 100 pF. For voltages > 1.8 V, the
approximate value of this capacitor can be calculated
The output voltage of the TPS71202 dual adjustable
as Equation 3:
regulator is programmed using an external resistor
divider, as shown in Figure 24. The output voltage is
calculated using Equation 1:
(3)
blank
(1)
The suggested value of this capacitor for several
where VREF = 1.225 V (the internal reference
resistor ratios is shown in Figure 24. If this capacitor
voltage).
is not used (such as in a unity-gain configuration) or if
an output voltage
≤ 1.8 V is chosen, then the
Resistors
R2
and
R4
should
be
chosen
for
minimum recommended output capacitor is 4.7 mF
approximately a 40-mA divider current. Lower value
instead of 2.2 mF.
resistors
can
be
used
for
improved
noise
performance but consume more power. Higher values
DROPOUT VOLTAGE
should be avoided because leakage current at FB
increases the output voltage error. The recommended
The TPS712xx uses a PMOS pass transistor to
design procedure is to choose R2 = 30.1 k
Ω to set
achieve extremely low dropout. When (VIN - VOUT) is
the divider current at 40 mA, and then calculate R1
less than the dropout voltage (VDO), the PMOS pass
using Equation 2:
device is in its linear region of operation and the
input-to-output resistance is the RDS, ON of the PMOS
pass element. Dropout voltages at lower currents can
(2)
be approximated by calculating the effective RDS, ON
of the pass element and multiplying that resistance by
To improve the stability and noise performance of the
the load current. RDS, ON of the pass element can be
adjustable version, a small compensation capacitor
obtained by dividing the dropout voltage by the rated
can be placed between OUT and FB.
output current.
Figure 24. Adjustable LDO Regulator Programming
10
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS71202-EP


Similar Part No. - TPS71202MDRCTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI-TPS71202 Datasheet
209Kb / 8P
[Old version datasheet]   Power for C5504/05
TPS71202 TI-TPS71202 Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
More results

Similar Description - TPS71202MDRCTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com