Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2204GUL Datasheet(PDF) 4 Page - Rohm

Part # BD2204GUL
Description  Power Supply Selector Switch IC for SD Cards
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2204GUL Datasheet(HTML) 4 Page - Rohm

  BD2204GUL Datasheet HTML 1Page - Rohm BD2204GUL Datasheet HTML 2Page - Rohm BD2204GUL Datasheet HTML 3Page - Rohm BD2204GUL Datasheet HTML 4Page - Rohm BD2204GUL Datasheet HTML 5Page - Rohm BD2204GUL Datasheet HTML 6Page - Rohm BD2204GUL Datasheet HTML 7Page - Rohm BD2204GUL Datasheet HTML 8Page - Rohm BD2204GUL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Datasheet
Datasheet
4/21
TSZ02201-0E3E0H300030-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
07.Aug.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BD2204GUL
*3 When the switch changes from VIN1 to VIN2 or from VIN2 to VIN1, it is possible that VOUT voltage drops.
Dropped voltage of VOUT is specified as Voutdrop1 and Voutdrop2.
That voltage drop is caused by the function which prevents VIN1 and VIN2 from turning on simultaneously.
This function generates the period which both VIN1and VIN2 are turned off, and prevents the penetration
current between VIN1 and VIN2.
VOUT=VIN2→VIN1
VOUT=VIN1→VIN2
Figure 4. Vout drop voltage
*TD1 and TD2 + TCOMP are period of Simultaneous-Off.
*TCOMP is period of VOUT becoming same voltage as VIN2.
*The value of Min. is in condition of IOUT=500mA and CL=15uF.
●Measurement Circuit
Operating current, Standby current
EN, SEL input voltage, Output rise, fall time
On-resistance, VOUT drop voltage
Discharge resistance
Figure 5. Measurement circuit
VIN1
VEN
A
A
VIN2
VIN2
EN
GND
VOUT
SEL
VIN1
VIN1
VIN2
CIN
CL
VEN
VSEL
RL
VIN2
EN
GND
VOUT
SEL
VIN1
VIN1
VIN2
CIN
VIN2
EN
GND
VOUT
SEL
CL
VEN
VSEL
VIN1
VIN1
VIN2
CIN
1mA
VEN
VIN2
EN
GND
VOUT
SEL
VIN1
VIN2(1.8V)
VIN(3.3V)
Voutdrop2
Min. 1.4V
OUT1
(Internal Signal)
OUT2
(Internal Signal)
VIN(3.3V)
VIN2(1.8V)
Voutdrop1
Min. 1.4V
TD1
TD2
TCOMP
VOUT


Similar Part No. - BD2204GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
BD2204GUL-E2 ROHM-BD2204GUL-E2 Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
BD2204GUL ROHM-BD2204GUL_15 Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
More results

Similar Description - BD2204GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2204GUL ROHM-BD2204GUL_15 Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674 Datasheet
242Kb / 13P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
   Power Supply Selector Switch
logo
Advanced Analogic Techn...
AAT4672 ANALOGICTECH-AAT4672 Datasheet
1Mb / 24P
   Power Supply Selector Switch
AAT4674 ANALOGICTECH-AAT4674_08 Datasheet
280Kb / 12P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4674 SKYWORKS-AAT4674_12 Datasheet
615Kb / 12P
   Power Supply Selector Switch
logo
Apacer Technology Inc.
SD-R1 APACER-SD-R1 Datasheet
915Kb / 3P
   SD memory cards
logo
STMicroelectronics
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
logo
Apacer Technology Inc.
SD-R1-M APACER-SD-R1-M Datasheet
792Kb / 5P
   SD memory cards
logo
Panasonic Semiconductor
MN63154 PANASONIC-MN63154 Datasheet
32Kb / 4P
   EEPROM for IC Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com