Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72118MDBVREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72118MDBVREP
Description  LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72118MDBVREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS72118MDBVREP Datasheet HTML 4Page - Texas Instruments TPS72118MDBVREP Datasheet HTML 5Page - Texas Instruments TPS72118MDBVREP Datasheet HTML 6Page - Texas Instruments TPS72118MDBVREP Datasheet HTML 7Page - Texas Instruments TPS72118MDBVREP Datasheet HTML 8Page - Texas Instruments TPS72118MDBVREP Datasheet HTML 9Page - Texas Instruments TPS72118MDBVREP Datasheet HTML 10Page - Texas Instruments TPS72118MDBVREP Datasheet HTML 11Page - Texas Instruments TPS72118MDBVREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.ti.com
TPS72115
1.8 V
1.5 V
Boost Converter
3.3 V
1.8 V – 3 V
VIO
VCORE
DSP or
Controller
Two AAA
Batteries
EXTERNAL CAPACITOR REQUIREMENTS
POWER DISSIPATION AND JUNCTION TEMPERATURE
P
D(max) +
T
J
max * TA
R
q
JA
(1)
P
D +
V
I *
V
O
I
O
(2)
REGULATOR PROTECTION
TPS72118-EP
SGDS037A – OCTOBER 2007 – REVISED DECEMBER 2007
Figure 18. Dual Supply Application Circuit
A 0.1-
µF ceramic bypass capacitor is required on both the input and output for stability. Larger capacitors
improve transient response, noise rejection, and ripple rejection. A higher value electrolytic input capacitor may
be necessary if large, fast rise time load transient are anticipated, and/or there is significant input resistance from
the device to the input power supply.
Specified regulator operation is ensured to a junction temperature of 125
°C; the maximum junction temperature
allowable without damaging the device is 150
°C. This restriction limits the power dissipation the regulator can
handle in any given application. To ensure the junction temperature is within acceptable limits, calculate the
maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than or equal to
PD(max).
The maximum power dissipation limit is determined using Equation 1 :
Where:
• T
Jmax is the maximum allowable junction temperature.
• Rθ
JA is the thermal resistance junction-to-ambient for the package; see the package dissipation rating table.
• T
A is the ambient temperature.
The regulator dissipation is calculated using Equation 2:
Power dissipation resulting from quiescent current is negligible.
The TPS72118 pass element has a built-in back diode that safely conducts reverse current when the input
voltage drops below the output voltage (for example, during power down). Current is conducted from the output
to the input and is not internally limited. If extended reverse voltage is anticipated, external limiting might be
appropriate.
The TPS72118 also features internal current limiting and thermal protection. During normal operation, the
TPS72118 limits output current to approximately 350 mA. When current limiting engages, the output voltage
scales back linearly until the overcurrent condition ends. While current limiting is designed to prevent gross
device failure, care should be taken not to exceed the power dissipation ratings of the package. If the
temperature of the device exceeds 170
°C, thermal-protection circuitry shuts it down. Once the device has cooled
down to below 150
°C, regulator operation resumes.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS72118-EP


Similar Part No. - TPS72118MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72118 TI-TPS72118 Datasheet
203Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118 TI-TPS72118 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118 TI1-TPS72118 Datasheet
868Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118-EP TI1-TPS72118-EP Datasheet
868Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118DBVR TI-TPS72118DBVR Datasheet
203Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS72118MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72101 TI1-TPS72101_16 Datasheet
868Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS721 TI-TPS721_15 Datasheet
762Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101 Datasheet
203Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101_07 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72201 TI-TPS72201 Datasheet
119Kb / 11P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72218DBVRG4 TI-TPS72218DBVRG4 Datasheet
741Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS722 TI-TPS722 Datasheet
756Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com