Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2248G Datasheet(PDF) 3 Page - Rohm

Part # BD2248G
Description  1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2248G Datasheet(HTML) 3 Page - Rohm

  BD2248G Datasheet HTML 1Page - Rohm BD2248G Datasheet HTML 2Page - Rohm BD2248G Datasheet HTML 3Page - Rohm BD2248G Datasheet HTML 4Page - Rohm BD2248G Datasheet HTML 5Page - Rohm BD2248G Datasheet HTML 6Page - Rohm BD2248G Datasheet HTML 7Page - Rohm BD2248G Datasheet HTML 8Page - Rohm BD2248G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/20
Datasheet
Datasheet
BD2248G
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0E3E0H300010-1-2
25.JUL.2012 Rev.001
●Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Ratings
Unit
VIN supply voltage
VIN
-0.3 to 6.0
V
EN input voltage
VEN
-0.3 to 6.0
V
/OC voltage
V/OC
-0.3 to 6.0
V
/OC sink current
I/OC
5
mA
VOUT voltage
VOUT
-0.3 to 6.0
V
Storage temperature
TSTG
-55 to 150
Power dissipation
Pd
675
*1
mW
*1 Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 5.4mW per 1℃ above 25℃
●Recommended Operating Ratings
Parameter
Symbol
Ratings
Unit
Min.
Typ.
Max.
VIN operating voltage
VIN
2.7
5.0
5.5
V
Operating temperature
TOPR
-40
-
85
●Electrical Characteristics (VIN= 5V, Ta= 25℃, unless otherwise specified.)
DC Characteristics
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Operating current
IDD
-
130
175
μA
VEN = 5V, VOUT = open, VIN = 5V
-
90
120
VEN = 3.3V, VOUT = open, VIN = 3.3V
Standby current
ISTB
-
0.01
5
μA
VEN = 0V, VOUT = open, VIN = 5V
EN input voltage
VENH
2.0
-
-
V
High input, VIN = 3.3 to 5V
VENL
-
-
0.8
V
Low input, VIN = 5V
-
-
0.6
Low input, VIN = 3.3V
EN input leakage
IEN
-1
0.01
1
μA
VEN = 0V or 5V
On-resistance
RON
-
110
155
mΩ
IOUT = 100mA, VIN = 5V
-
130
180
IOUT = 100mA, VIN = 3.3V
Reverse leak current
IREV
-
-
1
μA
VOUT = 5V, VIN = 0V
Over-current threshold
ITH
200
300
400
mA
VIN = 5V
190
290
390
VIN = 3.3V
Short circuit output current
ISC
100
200
300
mA
VOUT = 0V,RMS, VIN = 3.3 to 5V
Output discharge resistance
RDISC
30
60
120
IDISC = 1mA, VIN = 5V
50
100
200
IDISC = 1mA, VIN = 3.3V
/OC output low voltage
V/OC
-
-
0.4
V
I/OC = 0.5mA, VIN = 3.3 to 5V
UVLO threshold
VTUVH
2.1
2.3
2.5
V
VIN increasing
VTUVL
2.0
2.2
2.4
V
VIN decreasing
AC Characteristics
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Output rise time
TON1
-
1
6
ms
RL = 500Ω, VIN = 3.3 to 5V
Output turn-on time
TON2
-
1.5
10
ms
RL = 500Ω, VIN = 3.3 to 5V
Output fall time
TOFF1
-
1
20
μs
RL = 500Ω, VIN = 3.3 to 5V
Output turn-off time
TOFF2
-
3
40
μs
RL = 500Ω, VIN = 3.3 to 5V
/OC delay time
T/OC
10
15
20
ms
VIN = 5V
11
16
21
VIN = 3.3V


Similar Part No. - BD2248G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD2240G-GTR ROHM-BD2240G-GTR Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD2241G ROHM-BD2241G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results

Similar Description - BD2248G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2246G ROHM-BD2246G Datasheet
299Kb / 14P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G ROHM-BD2224G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com