Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS720115DRVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720115DRVT
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS720115DRVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS720115DRVT Datasheet HTML 6Page - Texas Instruments TPS720115DRVT Datasheet HTML 7Page - Texas Instruments TPS720115DRVT Datasheet HTML 8Page - Texas Instruments TPS720115DRVT Datasheet HTML 9Page - Texas Instruments TPS720115DRVT Datasheet HTML 10Page - Texas Instruments TPS720115DRVT Datasheet HTML 11Page - Texas Instruments TPS720115DRVT Datasheet HTML 12Page - Texas Instruments TPS720115DRVT Datasheet HTML 13Page - Texas Instruments TPS720115DRVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
1mV/div
V
OUT
V
BIAS
200mV/div
100 s/div
m
2.7V
3.3V
10mV/div
V
OUT
I
OUT
100mA/div
100 s/div
m
0mA
300mA
TPS720xx
SBVS100D – JUNE 2008 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VBIAS = (VOUT + 1.4V) or 2.5V (whichever is greater);
VIN = VOUT + 0.5V, IOUT = 1mA, VEN = 1.1V, COUT = 2.2µF, unless otherwise noted. Typical values are at TJ = +25°C.
VBIAS LINE TRANSIENT RESPONSE
VIN = 1.8V, VOUT = 1.3V, VBIAS = 2.7V to 3.3V,
LOAD TRANSIENT RESPONSE
VBIAS SLEW RATE = 600m/µs, IOUT = 350mA
VIN = 1.8V, VOUT = 1.3V, VBIAS = 2.7V, tRISE = 1µs
Figure 25.
Figure 26.
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated


Similar Part No. - TPS720115DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720115DRVT TI-TPS720115DRVT Datasheet
1Mb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720115DRVT TI1-TPS720115DRVT Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720115DRVT TI1-TPS720115DRVT Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
More results

Similar Description - TPS720115DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72011 TI-TPS72011 Datasheet
1Mb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI-TPS720 Datasheet
552Kb / 19P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX TI-TPS720XX Datasheet
741Kb / 21P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX_0809 TI-TPS720XX_0809 Datasheet
926Kb / 22P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI1-TPS720_17 Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI1-TPS720_18 Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI-TPS720_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
logo
SHANGHAI BELLING CO., L...
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
   800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com