Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72715YFFR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72715YFFR
Description  250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72715YFFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS72715YFFR Datasheet HTML 5Page - Texas Instruments TPS72715YFFR Datasheet HTML 6Page - Texas Instruments TPS72715YFFR Datasheet HTML 7Page - Texas Instruments TPS72715YFFR Datasheet HTML 8Page - Texas Instruments TPS72715YFFR Datasheet HTML 9Page - Texas Instruments TPS72715YFFR Datasheet HTML 10Page - Texas Instruments TPS72715YFFR Datasheet HTML 11Page - Texas Instruments TPS72715YFFR Datasheet HTML 12Page - Texas Instruments TPS72715YFFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SlewRate=1V/ s
m
I
=100 A
m
OUT
V
OUT
V
IN
1ms/div
2.7V
2.1V
50 s/div
m
200mA
10mA
V
=2.3V
IN
t =t =1 s
m
R
F
V
OUT
I
OUT
SlewRate=1V/ s
m
I
=200mA
OUT
V
OUT
V
IN
100 s/div
m
2.7V
2.1V
20 s/div
m
V
=2.1V
V
=1.8V
IN
OUT
I
=100 A
m
OUT
EN
V
OUT
I
IN
200ms/div
V
OUT
V
IN
I
=200mA
OUT
20 s/div
m
V
=2.1V
V
=1.8V
IN
OUT
I
=200mA
OUT
EN
V
OUT
I
IN
TPS727xx
www.ti.com
SBVS128C – JUNE 2009 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.3V or 2.0V, whichever is greater; IOUT = 10mA,
VEN = VIN, and COUT = 1.0mF, unless otherwise noted. Typical values are at TJ = +25°C.
LOAD TRANSIENT RESPONSE: 10mA TO 200mA
LINE TRANSIENT RESPONSE
(TPS72718)
(TPS72718)
Figure 20.
Figure 21.
LINE TRANSIENT RESPONSE
VIN INRUSH CURRENT
(TPS72718)
(TPS72718)
Figure 22.
Figure 23.
VIN INRUSH CURRENT
VIN RAMP UP,
(TPS72718)
RAMP DOWN RESPONSE (TPS72718)
Figure 24.
Figure 25.
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS72715YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72715YFFR TI-TPS72715YFFR Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72715YFFR TI-TPS72715YFFR Datasheet
546Kb / 20P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72715YFFR TI1-TPS72715YFFR Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS72715YFFR TI-TPS72715YFFR Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72715YFFR TI1-TPS72715YFFR Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
More results

Similar Description - TPS72715YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS727XX TI-TPS727XX Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI1-TPS727XX_11 Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS727XX TI-TPS727XX_1 Datasheet
546Kb / 20P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSEEVM-406 TI-TPS72718DSEEVM-406 Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727 TI1-TPS727_15 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS727 TI-TPS727 Datasheet
1Mb / 37P
[Old version datasheet]   TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS727 TI-TPS727_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Monolithic Power System...
EVQ20056-G-00A MPS-EVQ20056-G-00A Datasheet
696Kb / 6P
   Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com